전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSP500PS24-EF 데이터시트(PDF) 8 Page - XP Power Limited

부품명 GSP500PS24-EF
상세설명  500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GSP500PS24-EF 데이터시트(HTML) 8 Page - XP Power Limited

  GSP500PS24-EF Datasheet HTML 1Page - XP Power Limited GSP500PS24-EF Datasheet HTML 2Page - XP Power Limited GSP500PS24-EF Datasheet HTML 3Page - XP Power Limited GSP500PS24-EF Datasheet HTML 4Page - XP Power Limited GSP500PS24-EF Datasheet HTML 5Page - XP Power Limited GSP500PS24-EF Datasheet HTML 6Page - XP Power Limited GSP500PS24-EF Datasheet HTML 7Page - XP Power Limited GSP500PS24-EF Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GSP500 Series
AC-DC Power Supplies
www.xppower.com
08-Sept-15
Estimated Service Life vs Component Temperature
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must
not be exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component
(out of direct air flow). See below for component locations.
--
The estimated service life of the GSP500PSxx Series is determined by the cooling arrangements and load conditions experienced in the end
application. Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of a
key capacitors with in the product when installed by the end application. The worst case of the two figures should be taken as the indicative
service life in 24/7 operation.
The graph below expresses the estimated lifetime of a given component temperature and assumes continuous operation at this
temperature.
Temperature Measurements (At Ambient 50 °C)
Component
Max Temperature °C
T1 Coil
120 ° C
L3 Coil
120 ° C
Q7 Body
120 ° C
Q102 Body
120 ° C
C20
105 ° C
C102
105 ° C
Thermal Considerations - GSP500PSxx Models Only
Service Life
0
50000
100000
150000
200000
250000
300000
350000
105
95
85
C102 Temperature (°C)
75
65
55
C20
L3
T1
Q7
Q102
C102
0
10000
20000
30000
40000
50000
60000
70000
105
95
85
75
65
55
C6 Temperature (°C)


유사한 부품 번호 - GSP500PS24-EF

제조업체부품명데이터시트상세설명
logo
XP Power Limited
GSP500PS24-EF XPPOWER-GSP500PS24-EF Datasheet
1Mb / 8P
   AC-DC Power Supplies
More results

유사한 설명 - GSP500PS24-EF

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
MS500A ASTEC-MS500A Datasheet
617Kb / 2P
   500-750 Watts
MS3500A ASTEC-MS3500A Datasheet
662Kb / 2P
   500-4000 Watts
logo
Artesyn Technologies
NTS508-M-CEF ARTESYN-NTS508-M-CEF Datasheet
1Mb / 5P
   500 Watts Medical
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
XP Power Limited
LCL150PS12 XPPOWER-LCL150PS12 Datasheet
450Kb / 4P
   150-500 Watts LCL Series
logo
SL Power Electronics
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
   400, 500 WATTS MULTIPLE OUTPUT
logo
Sparkle Power Inc.
FSP500M-80PA SPI-FSP500M-80PA Datasheet
38Kb / 1P
   500 Watts MEDICAL POWER SUPPLIES
logo
Artesyn Technologies
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
logo
XP Power Limited
LCL150 XPPOWER-LCL150_14 Datasheet
449Kb / 4P
   150-500 Watts LCL Series
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com