전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9ZXL1231 데이터시트(PDF) 8 Page - Integrated Device Technology

부품명 9ZXL1231
상세설명  Space-saving 64 VFQFPN package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231 데이터시트(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL1231 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DB1200ZL 12-OUTPUT LOW POWER HCSL BUFFER
8
REVISION F 07/14/15
9ZXL1231 DATASHEET
Electrical Characteristics–DIF Low Power HCSL Outputs
Electrical Characteristics–Current Consumption
TAMB = TCOM or TIND, unless noted., Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
TAMB = TCOM, Scope averaging on
1.5
3.3
4
V/ns
1,2,3
TAMB = TIND Scope averaging on
1.5
3.1
4.5
V/ns
1,2,3
Slew rate matching
ΔdV/dt
Slew rate matching, Scope averaging on
7
20
%
1,2,4
Voltage High
VHigh
660
778
850
Voltage Low
VLow
-150
0
150
Max Voltage
Vmax
868
1150
Min Voltage
Vmin
-300
-64
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
430
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
17
140
mV
1,6
2 Measured from differential waveform
7 At default SMBus settings.
Slew rate
dV/dt
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
TAMB = TCOM or TIND, unless noted., Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
VDDA, PLL Mode@100MHz
18
20
mA
1
VDDA, PLL Bypass Mode@100MHz
6
10
mA
1
IDD
All other VDD pins
16
25
mA
IDDIO
VDDIO for DIF outputs, if applicable
91
110
mA
VDDA, PLL Mode@100MHz
3
5
mA
1
VDDA, PLL Bypass Mode@100MHz
3
5
mA
1
IDD
All other VDD pins
0.01
1
mA
IDDIO
VDDIO for DIF outputs, if applicable
0.01
0.3
mA
1. Includes VDDR if applicable
Operating Supply Current
IDDA
Power Down Current
IDDA


유사한 부품 번호 - 9ZXL1231

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
9ZXL1231 IDT-9ZXL1231 Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILF IDT-9ZXL1231AKILF Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231AKILF RENESAS-9ZXL1231AKILF Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILFT IDT-9ZXL1231AKILFT Datasheet
193Kb / 18P
   12-output DB1200ZL
More results

유사한 설명 - 9ZXL1231

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
   Space-saving 56-pin package
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
LP3982ILD-ADJ TI-LP3982ILD-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   MAX8860 Pin, Package and Spec. Compatible, WSON Space Saving Package
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
logo
Maxim Integrated Produc...
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Texas Instruments
PT6937A TI-PT6937A Datasheet
446Kb / 14P
[Old version datasheet]   Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com