전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9ZXL1530 데이터시트(PDF) 9 Page - Integrated Device Technology

부품명 9ZXL1530
상세설명  Fixed feedback path
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530 데이터시트(HTML) 9 Page - Integrated Device Technology

Back Button 9ZXL1530 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9ZXL1530
15-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
IDT®
15-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
9
9ZXL1530
REV C 031312
Electrical Characteristics–Phase Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
30.1
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.0
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
1.7
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.38
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.18
0.5
ps
(rms)
1,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.13
0.3
ps
(rms)
1,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.10
0.2
ps
(rms)
1,5
tjphPCIeG1
PCIe Gen 1
0.00
10
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.01
0.3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.00
0.7
ps
(rms)
1,2,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.00
0.3
ps
(rms)
1,2,4,6
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.12
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.00
0.1
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.00
0.1
ps
(rms)
1,5,6
1 Applies to all outputs.
6 For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)^2 = (total jittter)^2 - (input jitter)^2
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.4
tjphQPI_SMI
Phase Jitter, PLL Mode
tjphPCIeG2
Additive Phase Jitter,
Bypass mode
tjphPCIeG2
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final ratification by PCI SIG.


유사한 부품 번호 - 9ZXL1530

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
9ZXL1530 IDT-9ZXL1530 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530BKLF IDT-9ZXL1530BKLF Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1530BKLF RENESAS-9ZXL1530BKLF Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530BKLFT IDT-9ZXL1530BKLFT Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
More results

유사한 설명 - 9ZXL1530

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
9ZX21501C IDT-9ZX21501C Datasheet
224Kb / 19P
   Fixed feedback path
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   Fixed feedback path
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
[Old version datasheet]   Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
[Old version datasheet]   AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
[Old version datasheet]   AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
   Precision Feedback Controllers Fixed and PTAT references
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com