전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16501A 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVT16501A
상세설명  3.3 V LVT 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16501A 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT16501A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74LVT16501A_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 19 May 2006
9 of 19
Philips Semiconductors
74LVT16501A
3.3 V LVT 18-bit universal bus transceiver; 3-state
[1]
Typical values are at VCC = 3.3 V and Tamb =25 °C.
[2]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
[3]
Unused pins at VCC or GND.
[4]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[5]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for Tamb =25 °C only.
[6]
ICC is measured with outputs pulled to VCC or GND.
[7]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
11. Dynamic characteristics
∆I
CC
additional quiescent supply
current
per input pin; VCC = 3.0 V to 3.6 V;
one input at VCC − 0.6 V, other inputs
at VCC or GND
[7] -
0.1
0.2
mA
Ci
input capacitance (control pins)
VI = 0 V or 3.0 V
-
3
-
pF
Cio
input/output capacitance
(I/O pins)
outputs disabled; VI/O = 0 V or 3.0 V
-
9
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.7 V; Tamb = −40 °C to +85 °C
tPLH
propagation delay
An to Bn or Bn to An
see Figure 5
-
-
5.4
ns
CPAB to Bn or CPBA to An
see Figure 6
-
-
6.4
ns
LEAB to Bn or LEBA to An
see Figure 7
-
-
6.4
ns
tPHL
propagation delay
-
-
An to Bn or Bn to An
see Figure 5
-
-
5.4
ns
CPAB to Bn or CPBA to An
see Figure 6
-
-
6.4
ns
LEAB to Bn or LEBA to An
see Figure 7
-
-
6.4
ns
tPZH
output enable time to HIGH-state
see Figure 8
-
-
5.5
ns
tPZL
output enable time to LOW-state
see Figure 9
-
-
5.2
ns
tPHZ
output disable time from HIGH-state
see Figure 8
-
-
6.3
ns
tPLZ
output disable time from LOW-state
see Figure 9
-
-
5.6
ns
tsu(H)
setup time HIGH
see Figure 10
An to CPAB or Bn to CPBA
2.4
-
-
ns
An to LEAB with CPAB LOW or
Bn to LEBA with CPBA LOW
2.0
-
-
ns
An to LEAB with CPAB HIGH or
Bn to LEBA with CPBA HIGH
1.5
-
-
ns


유사한 부품 번호 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501ADGG NEXPERIA-74LVT16501ADGG Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
More results

유사한 설명 - 74LVT16501A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com