전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16646A 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74LVT16646A
상세설명  3.3 V 16-bit bus transceiver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646A 데이터시트(HTML) 4 Page - NXP Semiconductors

  74LVT16646A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
4 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
Fig 3.
Logic diagram
001aac214
OTHER CHANNELS
nA1
nA0
nSAB
nCPAB
nSBA
nCPBA
nDIR
nOE
1 OF 16 CHANNELS
1D
1D
C1
C1
Q
Q
nA2
nA3
nA4
nA5
nA6
nA7
nB1
nB0
nB2
nB3
nB4
nB5
nB6
nB7


유사한 부품 번호 - 74LVT16646A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16646ADGG PHILIPS-74LVT16646ADGG Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADGG NEXPERIA-74LVT16646ADGG Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16646ADL PHILIPS-74LVT16646ADL Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADL NEXPERIA-74LVT16646ADL Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

유사한 설명 - 74LVT16646A_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com