전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16646A 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74LVT16646A
상세설명  3.3 V 16-bit bus transceiver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646A 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT16646A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
7 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH clock transition.
[2]
The data output function may be enabled or disabled by various signals at the nOE input. Data input functions are always enabled, i.e.
data at the bus pins will be stored on every LOW-to-HIGH transition of the clock.
VCC
50
positive supply voltage
1B1
51
data input or output 1; B side
1B0
52
data input or output 0; B side
GND
53
ground (0V)
1SBA
54
select inputs 0 to 7; B to A side
1CPBA
55
clock inputs 0 to 7; B to A side
1OE
56
output enable inputs 0 to 7
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
Function table [1]
Operating mode
Inputs
Data I/O
reference
nOE
nDIR
nCPAB
nCPBA
nSAB
nSBA
nAx
nBx
Store A (B unspecified)
X
X
X
X
X
input
unspecified
output [2]
Figure 5c
Store B (A unspecified)
X
X
X
X
X
unspecified
output [2]
input
Figure 5c
Store A and B data
H
X
↑↑
X
X
input
input
Figure 5c
Isolation, hold storage
H
X
H or L
H or L
X
X
input
input
-
Real time B data to A bus
L
L
X
X
X
L
output
input
Figure 5a
Stored B data to A bus
L
L
X
H or L
X
H
output
input
Figure 5d
Real time A data to B bus
L
H
X
X
L
X
input
output
Figure 5b
Stored A data to B bus
L
H
H or L
X
H
X
input
output
Figure 5d


유사한 부품 번호 - 74LVT16646A_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16646ADGG PHILIPS-74LVT16646ADGG Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADGG NEXPERIA-74LVT16646ADGG Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16646ADL PHILIPS-74LVT16646ADL Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADL NEXPERIA-74LVT16646ADL Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

유사한 설명 - 74LVT16646A_15

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com