전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFE310 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFE310
상세설명  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFE310 데이터시트(HTML) 4 Page - International Rectifier

  IRFE310_15 Datasheet HTML 1Page - International Rectifier IRFE310_15 Datasheet HTML 2Page - International Rectifier IRFE310_15 Datasheet HTML 3Page - International Rectifier IRFE310_15 Datasheet HTML 4Page - International Rectifier IRFE310_15 Datasheet HTML 5Page - International Rectifier IRFE310_15 Datasheet HTML 6Page - International Rectifier IRFE310_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFE310, JANTX2N6786U
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
2
4
6
8
10
12
0
5
10
15
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
1.25 A
V
= 80V
DS
V
= 200V
DS
V
= 320V
DS
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
0
100
200
300
400
500
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
1
10
100
1000
VDS , Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
100
µs
DC
OPERATION IN THIS AREA LIMITED
BY R DS(on)


유사한 부품 번호 - IRFE310_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFE310 IRF-IRFE310 Datasheet
146Kb / 7P
   HEXFET TRANSISTOR
More results

유사한 설명 - IRFE310_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com