전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5428 데이터시트(PDF) 9 Page - Connor-Winfield Corporation

부품명 STC5428
상세설명  Synchronous Clock for SETS
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5428 데이터시트(HTML) 9 Page - Connor-Winfield Corporation

Back Button STC5428 Datasheet HTML 5Page - Connor-Winfield Corporation STC5428 Datasheet HTML 6Page - Connor-Winfield Corporation STC5428 Datasheet HTML 7Page - Connor-Winfield Corporation STC5428 Datasheet HTML 8Page - Connor-Winfield Corporation STC5428 Datasheet HTML 9Page - Connor-Winfield Corporation STC5428 Datasheet HTML 10Page - Connor-Winfield Corporation STC5428 Datasheet HTML 11Page - Connor-Winfield Corporation STC5428 Datasheet HTML 12Page - Connor-Winfield Corporation STC5428 Datasheet HTML 13Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Page 9 of 66
Rev: 0.2
Date: April 3, 2014
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5428
Synchronous Clock for SETS
DATASHEET
Preliminary
Operating Conditions and Electrical Characteristics
Table 3: Operating Conditions
Symbol
Parameter
Min.
Typical
Max
Units
Notes
VCC
Logic power supply voltage, 3.3V
3.0
3.3
3.6
volts
AVCC
Analog power supply voltage
3.0
3.3
3.6
volts
IAVCC
3.3V analog supply current
12
22
mA
IVCC
3.3V digital supply current
Condition 1
265
mA
2
Condition 2
170
mA
3
Condition 3
160
mA
4
Note 2: Condition 1: one 155.52MHz LVPECL output, one 125MHz LVPECL output, one 19.44MHz LVCMOS output, one 38.88MHz
LVCMOS output, one 2.048MHz LVCMOS output, and one Frame8K output.
Note 3: Condition 2: one 19.44MHz LVCMOS output, one 38.88MHz LVCMOS output, and one Frame8K output.
Note 4: Condition 3: one 19.44MHz LVCMOS output and one Frame8K output.


유사한 부품 번호 - STC5428

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
More results

유사한 설명 - STC5428

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com