전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2274EPWRQ1 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2274EPWRQ1
상세설명  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2274EPWRQ1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TLC2274EPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 9Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 10Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 11Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 12Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 13Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 14Page - Texas Instruments TLC2274EPWRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
2
1
0
10 k
100 k
1 M
3
f − Frequency − Hz
4
10 M
6
5
7
8
9
10
VDD = 5 V
VDD = ±5 V
RL = 10 kΩ
TA = 25°C
4
0
2
3
4
8
12
16
5
6
7
8
|VDD±| − Supply Voltage − V
VID = 100 mV
VO = 0 V
TA = 25°C
−8
VID = −100 mV
−4
3
2
1
0
1
2
3
4
5
4
5
|IO| − Output Current − mA
VDD± = ±5 V
0
1
2
3
4
5
6
IO − Output Current − mA
VDD = ±5 V
VIC = 0 V
−3.8
−4
−4.2
−4.4
−4.6
−4.8
−5
0.6
0.4
0.2
0
0
1
2
3
0.8
4
5
VDD = 5 V
TA = 25°C
IOL − Low-Level Output Current − mA
VIC = 1.25 V
1
1.2
VIC = 2.5 V
VIC = 0 V
IOL − Low-Level Output Current − mA
0.6
0.4
0.2
0
0
1
2
3
0.8
4
1
1.2
5
6
1.4
VDD = 5 V
VIC = 2.5 V
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
Typical Characteristics (continued)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the devices.
TA = 25°C
Figure 11. Low-Level Output Voltage vs Low-Level Output
Figure 10. Low-Level Output Voltage vs Low-Level Output
Current
Current
TA = 25°C
TA = 25°C
Figure 13. Maximum Negative Peak Output Voltage vs
Figure 12. Maximum Positive Peak Output Voltage vs
Output Current
Output Current
Figure 15. Short-Circuit Output Current vs Supply Voltage
Figure 14. Maximum Peak-to-Peak Output Voltage vs
Frequency
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLC2274-HT


유사한 부품 번호 - TLC2274EPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2274 TI-TLC2274 Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274 TI1-TLC2274 Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274 TI1-TLC2274 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274 TI1-TLC2274 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
TLC2274 TI-TLC2274 Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

유사한 설명 - TLC2274EPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com