전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431SKN3 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 TL431SKN3
상세설명  Adjustable Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431SKN3 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  TL431SKN3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 6Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 7Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 8Page - Cystech Electonics Corp. TL431SKN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C111N3
Issued Date : 2015.07.29
Revised Date :
Page No. : 1/ 9
TL431SKN3
CYStek Product Specification
Adjustable Precision Shunt Regulators
SOT-23
TL431SKN3
Description
The TL431SKN3 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable
temperature range. The output voltage may be set to any value between VREF (approximately 2.495 volts) and 36 volts
with two external resistors. These devices have a typical dynamic output impedance of 0.1
Ω. Active output circuitry
provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many
applications.
Features
• Programmable output voltage
• Temperature coefficient is 50ppm/°C typical
• Improved temperature compensation
• Sink current capability of 0.1mA to 100mA
• Low output noise voltage
• Fast turn on response
• Heat Resistance, Soldering iron : 300°C, 5 seconds
• Low dynamic output impedance 0.1Ω (typ.)
• Electrostatic discharge voltage 2.5kV.
• Pb-free lead plating and halogen-free package
Classification
Rank
A
B
C
VREF
2.495
±0.5%
2.495
±1%
2.495
±2%
Ordering Information
Device
Package
Shipping
TL431SKN3- X - T1 - G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


유사한 부품 번호 - TL431SKN3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
More results

유사한 설명 - TL431SKN3

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com