전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6C941 데이터시트(PDF) 7 Page - Solid State Optronic

부품명 AD6C941
상세설명  Low Input Control Current (1mA TYP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSOUSA [Solid State Optronic]
홈페이지  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C941 데이터시트(HTML) 7 Page - Solid State Optronic

  AD6C941 Datasheet HTML 1Page - Solid State Optronic AD6C941 Datasheet HTML 2Page - Solid State Optronic AD6C941 Datasheet HTML 3Page - Solid State Optronic AD6C941 Datasheet HTML 4Page - Solid State Optronic AD6C941 Datasheet HTML 5Page - Solid State Optronic AD6C941 Datasheet HTML 6Page - Solid State Optronic AD6C941 Datasheet HTML 7Page - Solid State Optronic AD6C941 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 7 of 8
AD6C941/H/S/TR
Rev 1.00 (07/29/2013)
001612
AD6C941
1 Form A
60V / 250mΩ
MOSFET Output Solid State Relay
6 PIN SMD Tape & Reel (-STR)
Note: All dimensions in millimeters
AD6C941 Package Dimensions


유사한 부품 번호 - AD6C941

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101 Datasheet
202Kb / 5P
   1 Form A Solid State Relay
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
AD6C111 SSOUSA-AD6C111 Datasheet
201Kb / 5P
   1 Form A Solid State Relay
More results

유사한 설명 - AD6C941

제조업체부품명데이터시트상세설명
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com