전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1112 데이터시트(PDF) 16 Page - Seiko Instruments Inc

부품명 S1112
상세설명  HIGH RIPPLE-REJECTION AND LOW DROPOUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1112 데이터시트(HTML) 16 Page - Seiko Instruments Inc

Back Button S1112 Datasheet HTML 12Page - Seiko Instruments Inc S1112 Datasheet HTML 13Page - Seiko Instruments Inc S1112 Datasheet HTML 14Page - Seiko Instruments Inc S1112 Datasheet HTML 15Page - Seiko Instruments Inc S1112 Datasheet HTML 16Page - Seiko Instruments Inc S1112 Datasheet HTML 17Page - Seiko Instruments Inc S1112 Datasheet HTML 18Page - Seiko Instruments Inc S1112 Datasheet HTML 19Page - Seiko Instruments Inc S1112 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112/1122 Series
Rev.6.1_00
Seiko Instruments Inc.
16
Precautions
• Wiring patterns for the VIN pin, the VOUT pin and GND should be designed so that the impedance is
low. When mounting an output capacitor between the VOUT pin and the VSS pin (CL) and a capacitor
for stabilizing the input between the VIN pin and the VSS pin (CIN), the distance from the capacitors to
these pins should be as short as possible.
• Note that generally the output voltage may increase when a series regulator is used at low load current
(1.0 mA or less).
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The
following conditions are recommended for the S-1112/1122 Series. However, be sure to perform
sufficient evaluation under the actual usage conditions for selection, including evaluation of temperature
characteristics.
Input capacitor (CIN):
1.0
μF or more
Output capacitor (CL):
0.47
μF or more
Equivalent series resistance (ESR): 10
Ω or less
• The voltage regulator may oscillate when the impedance of the power supply is high and the input
capacitance is small or an input capacitor is not connected.
• Overshoot may occur in the output voltage momentarily if the voltage is rapidly raised at power-on or
when the power supply fluctuates. Sufficiently evaluate the output voltage at power-on with the actual
device.
• The application conditions for the input voltage, the output voltage, and the load current should not
exceed the package power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• In determining the output current, attention should be paid to the output current value specified in Table
7 in “ Electrical Characteristics” and footnote *5 of the table.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by
products including this IC of patents owned by a third party.


유사한 부품 번호 - S1112

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S1112 ETC2-S1112 Datasheet
450Kb / 1P
   SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
More results

유사한 설명 - S1112

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1131 SII-S1131 Datasheet
852Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S-1111 SII-S-1111 Datasheet
290Kb / 25P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com