전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC-075S140ST 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 TSC-075S140ST
상세설명  Dimmable LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TSC-075S140ST 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  TSC-075S140ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TSC-075S140ST Datasheet HTML 2Page - List of Unclassifed Manufacturers TSC-075S140ST Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Dimming Control
Notes:
1. The dimmer can also be replaced by an active 0-10V voltage source signal or passive components like resistors and zener.
2. The dimming signal is allowed to be less than 1V, when it is between 0 and 1V, the output level is 10%.
3. Do NOT connect the Gray Wire (Vdim-) to Blue Wire (V-) together.
4. The dimming section is not isolated from the output.
5. Vc is an auxillary 12V/15mA output.
6. If 0-10V dimming is not used, Dim+ can be either capped-off or connected to Vc.
Parameters
Minimum
Typical
Maximum
12V output voltage
10.8 V
12 V
13.2 V
Vc source current
10 mA
15 mA
20 mA
Absolute maximum voltage on the 0~10V input pin
-2 V
15 V
Source current on 0~10V input pin
150 µA
200 µA
250 µA
Implementation with 0-10V Dimming
Dim+ (Purple)
V+ (Red)
V- (Blue)
Vc (Black/White)
Vac
L
N
G
0-10V
Dimmer
Dim- & Vc Return
(Gray)
TSC-75xxxDT
The dimmer control is operated from an input signal of 1 – 10 Vdc.
Dimming Voltage (V)
Output Current/Dimming Voltage
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
9
8
10
Safety
Certification
Standard
UL/CUL
UL8750, UL1310, UL1012, CAN/CSA-C22.2 No. 223-M91, CSA-C22.2 No. 107.1-01
CE
EN 61347-1, EN61347-2-13
EMC Standard Notes
EN 55015
Conducted emission Test & Radiated emission Test with 6 dB margin
EN 61000-3-2
Harmonic current emissions: Class C
EN 61000-3-3
Voltage fluctuations & flicker
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge Level 3, Criteria A
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS Level 3, Criteria A
EN 61000-4-4
Electrical Fast Transient / Burst-EFT Level 3, Criteria A
EN 61000-4-5
Surge Immunity Test: AC Power Line: line to line 4kV, line to earth 6 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS Level 3, Criteria A
EN 61000-4-8
Power Frequency Magnetic Field Test 3A/m , Criteria A
EN 61000-4-11
Voltage Dips Criteria B
EN 61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
TSC 75W Series
Note:
Disconnect power to LED driver for at least 30 seconds before connecting or disconnecting Driver output and LED Engine. This prevents potential arcing transients
that can damage the Engine and Driver. See Hot Plugging in our Driver Application Guide for more information.


유사한 부품 번호 - TSC-075S140ST

제조업체부품명데이터시트상세설명
logo
Willow Technologies Ltd
TSC-10 WILLOW-TSC-10 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-10 RIEDON-TSC-10 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TSC-10 RIEDON-TSC-10 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-100 WILLOW-TSC-100 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-100 RIEDON-TSC-100 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
More results

유사한 설명 - TSC-075S140ST

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
   suitable for 1-10V dimmable LED drivers
logo
List of Unclassifed Man...
LED40W-130-C0300-HL-XY-HV ETC2-LED40W-130-C0300-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
logo
Dialog Semiconductor
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com