전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8721PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRLR8721PBF
상세설명  Ultra-Low Gate Impedance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRLR8721PBF_15 Datasheet HTML 1Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 2Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 3Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 4Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 5Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 6Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 7Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 8Page - International Rectifier IRLR8721PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com © 2012 International Rectifier
December 4, 2012
3
IRLR/U8721PbF
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.7V
60μs PULSE WIDTH
Tj = 25°C
2.7V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.7V
60μs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.7V
0
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 15V
60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 25A
VGS = 10V


유사한 부품 번호 - IRLR8721PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8721PBF-1 IRF-IRLR8721PBF-1 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
IRLR8721PBF-1 IRF-IRLR8721PBF-1_15 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
More results

유사한 설명 - IRLR8721PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com