전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8726PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLR8726PBF
상세설명  Ultra-Low Gate Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR8726PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLR8726PBF_15 Datasheet HTML 1Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 2Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 3Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 4Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 5Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 6Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 7Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 8Page - International Rectifier IRLR8726PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U8726PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
20
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.0
5.8
m
–––
5.8
8.0
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-8.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
15
23
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.7
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
5.7
–––
Qgodr
Gate Charge Overdrive
–––
3.7
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
7.6
–––
Qoss
Output Charge
–––
10
–––
nC
RG
Gate Resistance
–––
2.0
3.5
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
49
–––
td(off)
Turn-Off Delay Time
–––
15
–––
ns
tf
Fall Time
–––
16
–––
Ciss
Input Capacitance
–––
2150
–––
Coss
Output Capacitance
–––
480
–––
pF
Crss
Reverse Transfer Capacitance
–––
205
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
86
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
340
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
52
78
nC
ƒ = 1.0MHz
VGS = 4.5V, ID = 20A e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 50µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A
e
MOSFET symbol
VDS = 15V, ID = 20A
VDS = 15V, VGS = 0V
VDD = 15V, VGS = 4.5Ve
ID = 20A
VDS = 15V
Conditions
See Fig. 13
VGS = 4.5V
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/µs
e
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
RG = 1.8Ω
Max.
120
20


유사한 부품 번호 - IRLR8726PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLR8726PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com