전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8729PBF-1 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRLR8729PBF-1
상세설명  Compatible with Existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR8729PBF-1 데이터시트(HTML) 5 Page - International Rectifier

  IRLR8729PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 8Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLR8729PbF-1
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 29, 2014
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Threshold Voltage vs. Temperature
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 25μA
ID = 50μA
ID = 100μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
1.251
0.000513
1.481
0.004337
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
R
1
R
1
R
2
R
2
τ
C
τ
C
Ci=
τi/Ri
Ci=
τi/Ri
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
Limited By Package


유사한 부품 번호 - IRLR8729PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR8729PBF IRF-IRLR8729PBF Datasheet
367Kb / 11P
   HEXFET Power MOSFET
IRLR8729PBF IRF-IRLR8729PBF Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
IRLR8729PBF IRF-IRLR8729PBF_09 Datasheet
353Kb / 11P
   HEXFETPower MOSFET
IRLR8729PBF IRF-IRLR8729PBF_15 Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
More results

유사한 설명 - IRLR8729PBF-1_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com