전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR9343PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRLR9343PBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR9343PBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRLR9343PBF_15 Datasheet HTML 3Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 4Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 5Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 6Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 7Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 8Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 9Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 10Page - International Rectifier IRLR9343PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRLR/U9343PbF & IRLU9343-701PbF
www.irf.com
7
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS S EMBLY LINE "A"
AS S E MBLED ON WW 16, 1999
EXAMPLE:
WIT H AS S EMBLY
T HIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEEK 16
PART NUMBER
LOGO
INT ERNAT IONAL
RE CT IFIER
AS S EMBLY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DAT E CODE
OR
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)
Note: "P" in as s embly line position
indicates "Lead-Free"
12
34
WE EK 16
A = AS S EMBLY S IT E CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
ASSEMBLY
INT ERNAT IONAL
RECT IFIER


유사한 부품 번호 - IRLR9343PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
More results

유사한 설명 - IRLR9343PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com