전자부품 데이터시트 검색엔진 |
|
CSD13302W 데이터시트(PDF) 3 Page - Texas Instruments |
|
CSD13302W 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 15 page M0149-01 P-Chan 1. 0x1. 0 CSP TTA MAX Rev1 M0150-01 P-Chan 1. 0x1. 0 CSP TTA MIN Rev1 CSD13302W www.ti.com SLPS535 – MARCH 2015 5 Specifications 5.1 Electrical Characteristics (TA = 25°C) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT STATIC CHARACTERISTICS BVDSS Drain-to-Source Voltage VGS = 0 , ID = 250 μA 12 V IDSS Drain-to-Source Leakage Current VGS = 0 V, VDS = 9.6 V 1 μA IGSS Gate-to-Source Leakage Current VDS = 0 V, VGS = 10 V 100 nA VGS(th) Gate-to-Source Threshold Voltage VDS = VGS, ID = 250 μA 0.7 1.0 1.3 V VGS = 2.5 V, ID = 1 A 21.2 25.8 RDS(on) Drain-to-Source On-Resistance m Ω VGS = 4.5 V, ID = 1 A 14.6 17.1 gƒs Transconductance VDS = 1.2 V, ID = 1 A 10 S DYNAMIC CHARACTERISTICS CISS Input Capacitance 663 862 pF COSS Output Capacitance VGS = 0 V, VDS = 6 V, ƒ = 1 MHz 211 274 pF CRSS Reverse Transfer Capacitance 151 196 pF Rg Series Gate Resistance 3.6 7.2 Ω Qg Gate Charge Total (4.5 V) 6.0 7.8 nC Qgd Gate Charge Gate-to-Drain 2.1 nC VDS = 6 V, ID = 1 A Qgs Gate Charge Gate-to-Source 0.7 nC Qg(th) Gate Charge at Vth 0.7 nC QOSS Output Charge VDS = 6 V, VGS = 0 V 1.3 nC td(on) Turn On Delay Time 6 ns tr Rise Time 7 ns VDS = 6 V, VGS = 4.5 V, ID = 1 A RG = 0 Ω td(off) Turn Off Delay Time 17 ns tƒ Fall Time 7 ns DIODE CHARACTERISTICS VSD Diode Forward Voltage IS = 1 A, VGS = 0 V 0.7 1.0 V Qrr Reverse Recovery Charge 11.6 nC VDS= 6 V, IS = 1 A, di/dt = 200 A/μs trr Reverse Recovery Time 19.6 ns 5.2 Thermal Information (TA = 25°C unless otherwise stated) THERMAL METRIC MIN TYP MAX UNIT Junction-to-Ambient Thermal Resistance(1) 275 RθJA °C/W Junction-to-Ambient Thermal Resistance(2) 70 (1) Device mounted on FR4 material with minimum Cu mounting area. (2) Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu. Typical RθJA = Typical RθJA = 70°C/W 275°C/W when when mounted on mounted on minimum 1 inch2 of 2 oz. Cu. pad area of 2 oz. Cu. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: CSD13302W |
유사한 부품 번호 - CSD13302W_15 |
|
유사한 설명 - CSD13302W_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |