전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD25484F4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CSD25484F4
상세설명  CSD25484F4 ??0 V P-Channel FemtoFET MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD25484F4 데이터시트(HTML) 1 Page - Texas Instruments

  CSD25484F4_15 Datasheet HTML 1Page - Texas Instruments CSD25484F4_15 Datasheet HTML 2Page - Texas Instruments CSD25484F4_15 Datasheet HTML 3Page - Texas Instruments CSD25484F4_15 Datasheet HTML 4Page - Texas Instruments CSD25484F4_15 Datasheet HTML 5Page - Texas Instruments CSD25484F4_15 Datasheet HTML 6Page - Texas Instruments CSD25484F4_15 Datasheet HTML 7Page - Texas Instruments CSD25484F4_15 Datasheet HTML 8Page - Texas Instruments CSD25484F4_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
D
G
S
0.20
mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD25484F4
SLPS551 – MAY 2015
CSD25484F4 –20 V P-Channel FemtoFET™ MOSFET
1 Features
Product Summary
1
Low On Resistance
TA = 25°C
TYPICAL VALUE
UNIT
Ultra-Low Qg and Qgd
VDS
Drain-to-Source Voltage
–20
V
Low Threshold Voltage
Qg
Gate Charge Total (–4.5 V)
1090
pC
Qgd
Gate Charge Gate-to-Drain
150
pC
Ultra-Small Footprint (0402 Case Size)
VGS = –1.8 V
405
m
1.0 mm × 0.6 mm
VGS = –2.5 V
150
m
Drain-to-Source
Ultra-Low Profile
RDS(on)
On-Resistance
VGS = –4.5 V
93
m
0.2 mm Height
VGS = –8.0 V
80
m
Integrated ESD Protection Diode
VGS(th)
Threshold Voltage
–0.95
V
Rated >4 kV HBM
Rated >2 kV CDM
Ordering Information(1)
Device
Qty
Media
Package
Ship
Lead and Halogen Free
7-Inch
RoHS Compliant
CSD25484F4
3000
Femto(0402)
Reel
Tape and
1.0 mm × 0.6 mm
Reel
7-Inch
Land Grid Array (LGA)
CSD25484F4T
250
2 Applications
Reel
Optimized for Load Switch Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Optimized for General Purpose Switching
Applications
Absolute Maximum Ratings
Battery Applications
TA = 25°C
VALUE
UNIT
Handheld and Mobile Applications
VDS
Drain-to-Source Voltage
–20
V
VGS
Gate-to-Source Voltage
–12
V
3 Description
ID
Continuous Drain Current(1)
–2.5
A
This 80 m
Ω, –20 V P-Channel FemtoFET™ MOSFET
IDM
Pulsed Drain Current(1)(2)
–22
A
is designed and optimized to minimize the footprint in
Continuous Gate Clamp Current
–35
IG
mA
many
handheld
and
mobile
applications.
This
Pulsed Gate Clamp Current(2)
–350
technology is capable of replacing standard small
PD
Power Dissipation(1)
500
mW
signal MOSFETs while providing at least a 60%
Human Body Model (HBM)
4
kV
ESD
reduction in footprint size.
Rating Charged Device Model (CDM)
2
kV
.
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Typical Part Dimensions
(1) Typical RθJA = 85°C/W on 1 inch
2
(6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2) Pulse duration
≤100 μs, duty cycle ≤1%
Top View
.
.
.
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - CSD25484F4_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25484F4T TI1-CSD25484F4T Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
More results

유사한 설명 - CSD25484F4_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com