전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCSR3651SG-S08-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 UCSR3651SG-S08-T
상세설명  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCSR3651SG-S08-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  UCSR3651SG-S08-T Datasheet HTML 1Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 2Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 3Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 4Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 5Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 6Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 7Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 8Page - Unisonic Technologies UCSR3651SG-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCSR3651S
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-010.A
SOP-8
DIP-7
HIGH PRECISION CC/CV
PRIMARY-SIDE PWM POWER
SWITCH
DESCRIPTION
The UTC UCSR3651S is a primary control switch mode charger
and adapter applications. The controlled variable is transferred by
an auxiliary winding from the secondary to the primary side. The
device integrates PWM controller to enhance the performance of
discontinuous conduction mode (DCM) flyback converters.
The UTC UCSR3651S operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
provides off-time modulation to linearly decrease PWM frequency
under light-load conditions so that low standby power can be
achieved.
The UTC UCSR3651S achieves high precision CV/CC
regulation and high power efficiency. It offers comprehensive
protection
coverage
with
auto-recovery
features
including
Cycle-by-cycle current limiting, VDD over voltage protection, VDD
clamp, OTP, leading edge blanking, VDD under voltage lockout, etc.
FEATURES
* High Voltage startup circuit
* Built-in 600V Power MOSFET
* ±5% constant voltage regulation at universal AC input
* High precision constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Programmable CV and CC regulation
* Programmable cable compensation in CV mode
* Flyback topology in DCM operation
* Frequency hopping to reduce system EMI
* Built-in leading edge blanking
* Built-in primary winding inductance
compensation
* Power on soft start
* Gate Output Maximum Voltage Clamped at
15V
* Cycle-by-cycle current limiting
* Over voltage protection
* VDD under-voltage lockout
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UCSR3651SL-D07-T
UCSR3651SG-D07-T
DIP-7
Tube
-
UCSR3651SG-S08-T
SOP-8
Tape Reel
UCSR3651SL-D07-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D07: DIP-7, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package


유사한 부품 번호 - UCSR3651SG-S08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UCSR3651SG-S08-R UTC-UCSR3651SG-S08-R Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

유사한 설명 - UCSR3651SG-S08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com