전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1011 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TDC1011
상세설명  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TDC1011 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TDC1011_15 Datasheet HTML 2Page - Texas Instruments TDC1011_15 Datasheet HTML 3Page - Texas Instruments TDC1011_15 Datasheet HTML 4Page - Texas Instruments TDC1011_15 Datasheet HTML 5Page - Texas Instruments TDC1011_15 Datasheet HTML 6Page - Texas Instruments TDC1011_15 Datasheet HTML 7Page - Texas Instruments TDC1011_15 Datasheet HTML 8Page - Texas Instruments TDC1011_15 Datasheet HTML 9Page - Texas Instruments TDC1011_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TDC1011
SNAS662 – JULY 2015
www.ti.com
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. TA = 25°C, VDD = VIO = 3.7 V, VCOM = VCM = VDD / 2, CVCOM = 10 nF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZERO CROSS COMPARATOR
VOS(COMP)
Input offset voltage(2)
Referred to VCOM
±115
µV
Zero crossing
enCOMP
comparator input
1 MHz
5
nV/
√Hz
referred noise(2)
HYSTCOMP
Hysteresis (2)
Referred to VCOM
-10
mV
THRESHOLD DETECTOR
ECHO_QUAL_THLD = 0h, VCOM referred
–35
mV
VTHDET
Threshold level
ECHO_QUAL_THLD = 7h, VCOM referred
–1.5
V
TEMPERATURE SENSOR INTERFACE(3)
RREF = 1 kΩ, PT1000 range: –40 to 125°C
(4)
1
°C
Temperature
TERROR
measurement accuracy R
REF = 1 kΩ, PT1000 range: –15°C to 85°C
(4)
0.5
°C
Relative accuracy
RREF = 1 kΩ, RRTD1 = RRTD2 = 1.1 kΩ
0.02
°CRMS
TGE
Gain error
5.8
m°C/°C
POWER SUPPLY
Sleep (EN = CLKIN = TRIGGER = low)
0.61
µA
Continuous receive mode, LNA and PGA
2.8
3
mA
bypassed
IDD
VDD supply current
Continuous receive mode, LNA and PGA active
6.2
7.5
mA
Temp. measurement only (PT1000 mode)(5)
370
400
µA
Temp. measurement (PT500 mode)(6)
500
540
µA
VIO supply sleep
IIO
Sleep (EN = CLKIN = TRIGGER = low)
2
nA
current(2)
DIGITAL INPUT/OUTPUT CHARACTERISTICS
Input logic low
VIL
0.2 × VIO
V
threshold
Input logic high
VIH
0.8 × VIO
V
threshold
SDO pin, 100-
μA current
0.2
V
SDO pin, 1.85-mA current
0.4
V
START and STOP pins, 100-
μA current
0.5
V
Output logic low
VOL
threshold
START and STOP pins, 1.85-mA current
0.6
V
ERRB pin, 100-
μA current
0.2
V
ERRB pin, 1.85-mA current
0.4
V
SDO pin, 100-
μA current
VIO – 0.2
V
SDO pin, 1.85-mA current
VIO – 0.6
V
Output logic high
VOH
START and STOP pins, 100-
μA current
VIO – 0.5
V
threshold
START and STOP pins, 1.85-mA current
VIO – 0.6
V
ERRB pin, 0-µA current
VIO – 0.2
V
Maximum output
IOMAX
current for SDO,
1.85
mA
START and STOP
(2)
Specified by design.
(3)
With ideal external components. For more detail see Temp Sensor Measurement section.
(4)
PT1000 RTD approximate resistance: 800
Ω ≡ –52°C, 931 Ω ≡ –18°C, 1.10 kΩ ≡ 26°C, 1.33 kΩ ≡ 86°C and 1.48 kΩ ≡ 125°C.
(5)
Specified currents include 120
μA which flows through the RTD sensor in PT1000 mode (TEMP_RTD_SEL = 0).
(6)
Specified currents include 240
μA which flows through the RTD sensor in PT500 mode (TEMP_RTD_SEL = 1).
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TDC1011


유사한 부품 번호 - TDC1011_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

유사한 설명 - TDC1011_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com