전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1011 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TDC1011
상세설명  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TDC1011 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TDC1011_15 Datasheet HTML 3Page - Texas Instruments TDC1011_15 Datasheet HTML 4Page - Texas Instruments TDC1011_15 Datasheet HTML 5Page - Texas Instruments TDC1011_15 Datasheet HTML 6Page - Texas Instruments TDC1011_15 Datasheet HTML 7Page - Texas Instruments TDC1011_15 Datasheet HTML 8Page - Texas Instruments TDC1011_15 Datasheet HTML 9Page - Texas Instruments TDC1011_15 Datasheet HTML 10Page - Texas Instruments TDC1011_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
t7
t8
t3
t2
t1
t4
t5
t6
D15
D0
D14
SCLK
CSB
Prior D15
t9
Prior D1
Prior D0
90%
10%
tr
90%
10%
tf
TDC1011
www.ti.com
SNAS662 – JULY 2015
6.6 Timing Requirements
TA = 25°C, VDD = VIO = 3.7 V and ƒSCLK = 1 MHz (unless otherwise noted).
MIN
NOM
MAX
UNIT
ƒSCLK
Serial clock frequency
26
MHz
t1
High period, SCLK
16
ns
t2
Low period, SCLK
16
ns
t3
Set-up time, nCS to SCLK
10
ns
t4
Set-up time, SDI to SCLK
12
ns
t5
Hold time, SCLK to SDI
12
ns
t6
SCLK transition to SDO valid time
16
ns
t7
Hold time, SCLK transition to nCS rising edge
10
ns
t8
nCS inactive
17
ns
t9
Hold time, SCLK transition to nCS falling edge
10
ns
tr / tf
Signal rise and fall times(1)
1.8
ns
(1)
The slew rate is measured from 10% to 90% and is represented by the average of the rising and falling slew rates.
Figure 1. SPI Timing Diagram
6.7 Switching Characteristics
TA = 25°C, VDD = VIO = 3.7 V, ƒCLKIN = 8 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START, STOP, ENABLE, RESET, CLOCKIN, TRIGGER, ERR
TX_FREQ_DIV = 2h, NUM_TX = 1
1
μs
PWSTART Pulse width for START signal TX_FREQ_DIV = 2h, NUM_TX = 2
2
μs
TX_FREQ_DIV = 2h, NUM_TX
≥ 3
3
μs
tr / tf
Rise/fall time for START
20% to 80%, 20-pF load
0.25
ns
START
signal
tr / tf STOP Rise/fall time for STOP signal 20% to 80%, 20-pF load
0.25
ns
Maximum CLKIN input
ƒCLKIN
16
MHz
frequency
tr / tf CLKIN CLKIN input rise/fall time
(1)
20% to 80%
10
ns
TRIGGER input rise/fall
tr / tf TRIG
20% to 80%
10
ns
time(1)
tEN_TRIG
Enable to trigger wait time(1)
50
ns
TX_FREQ_DIV = 2h (see TX/RX Measurement
tRES_TRIG Reset to trigger wait time
(1)
3.05
μs
Sequencing and Timing)
(1)
Specified by design.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TDC1011


유사한 부품 번호 - TDC1011_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

유사한 설명 - TDC1011_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com