전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1011-Q1 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TDC1011-Q1
상세설명  TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TDC1011-Q1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TDC1011-Q1_15 Datasheet HTML 7Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 8Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 9Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 10Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 11Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 12Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 13Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 14Page - Texas Instruments TDC1011-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Threshold Detect
Zero-Cross Detect
START
STOP
TDC1011
RX
LNA
±
+
±
+
enable
DAC
Temp. Sense
20 dB
0 to 21 dB
VCOM
VCOM
Clock
Divider
SM Control
Unit
Serial
Interface
Event
Manager
Analog Bias
PGA
TX
Tx
Generator
TDC1011-Q1
www.ti.com
SNAS670 – JULY 2015
8 Detailed Description
8.1 Overview
The main functional blocks of TDC1011 are the Transmit (TX) and the Receive (RX) Channels. The transmitter
supports flexible settings for driving various ultrasonic transducers, and the receiver provides configurable blocks
with a wide range of settings for signal conditioning in various applications. The receive signal chain consists of
an LNA (Low Noise Amplifier), a PGA (Programmable Gain Amplifier), and two auto-zeroed comparators for
echo qualification and STOP pulse generation.
A measurement cycle is initiated with a trigger signal on the TRIGGER pin of the device. After a trigger signal is
asserted, an output pulse is generated on the START pin. This signal is used as the time reference to begin a
TOF measurement. The transmitter generates programmable TX pulses, synchronous to the rising edge of the
START pulse, to drive an ultrasonic transducer and generate an ultrasonic wave that is shot through an acoustic
medium. The receiver detects the ultrasound wave that traveled through the medium and generates STOP
signals. Whether the ultrasound wave is received directly or from a reflection will depend on the system
configuration. The STOP signals are used by an external Time-to-Digital Converter (TDC), which functions as a
very accurate stopwatch. The system must include a TDC to measure the TOF based on the interval between
the START and STOP pulses. In some applications with medium-range accuracy requirements (ns range), a
microcontroller can be used to measure the TOF duration. In applications with high-range accuracy requirements
(ps range), TI recommends using the TDC7200 time-to-digital converter to measure the TOF duration.
In each application, the TDC1011 has to be configured by a serial interface (SPI) for the various application-
specific parameters that are explained in the following sections.
8.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TDC1011-Q1


유사한 부품 번호 - TDC1011-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

유사한 설명 - TDC1011-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com