전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS28 데이터시트(PDF) 10 Page - International Rectifier

부품명 LS28
상세설명  28V Input, Single/Dual Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

LS28 데이터시트(HTML) 10 Page - International Rectifier

Back Button LS28_15 Datasheet HTML 6Page - International Rectifier LS28_15 Datasheet HTML 7Page - International Rectifier LS28_15 Datasheet HTML 8Page - International Rectifier LS28_15 Datasheet HTML 9Page - International Rectifier LS28_15 Datasheet HTML 10Page - International Rectifier LS28_15 Datasheet HTML 11Page - International Rectifier LS28_15 Datasheet HTML 12Page - International Rectifier LS28_15 Datasheet HTML 13Page - International Rectifier LS28_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
LS-SERIES
(28V Input, Single/Dual Output)
Figure 2: Radj Placement for Dual Output Model
@HD
Avy‡r…
P†pvyyh‡‚…
>=1
0
0
0
Sh€ƒ
Brr…h‡‚…
Th€ƒyr
hqÃC‚yq
Arrqihpx
U…vttr…
QXH
C‚ˆ†r
xrrƒvt
Tˆƒƒy’
Gr‰ry
U…h†yh‡‚…ÃÉ
A@UÃ9…v‰r…
Tu‚…‡Ã8x‡ÃÉ
P‰r…y‚hq
Q…‚‡rp‡v‚
Wv
Wv
Sr‡ˆ…
Duviv‡
Pˆ‡
Sr‡ˆ…
8h†r
 $W
$W
@6
Pˆ‡ƒˆ‡
6qw
ÃPˆ‡
Pˆ‡
Sˆƒ
Sq‚


유사한 부품 번호 - LS28_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
LS2801R5D IRF-LS2801R5D Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D IRF-LS2801R5D Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5D/CK IRF-LS2801R5D/CK Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5D/EM IRF-LS2801R5D/EM Datasheet
168Kb / 16P
   HIGH RELIABILITY DC/DC CONVERTER
LS2801R5DCKA IRF-LS2801R5DCKA Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

유사한 설명 - LS28_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com