전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2050 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 TDA2050
상세설명  32W HI-FI AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2050 데이터시트(HTML) 5 Page - Unisonic Technologies

  TDA2050_15 Datasheet HTML 1Page - Unisonic Technologies TDA2050_15 Datasheet HTML 2Page - Unisonic Technologies TDA2050_15 Datasheet HTML 3Page - Unisonic Technologies TDA2050_15 Datasheet HTML 4Page - Unisonic Technologies TDA2050_15 Datasheet HTML 5Page - Unisonic Technologies TDA2050_15 Datasheet HTML 6Page - Unisonic Technologies TDA2050_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TDA2050
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-036.C
TYPICAL APPLICATION CIRCUIT(CONT.)
FOR SINGLE SUPPLY APPLICATION SUGGESTIONS
Figure.2 Single Supply Typical Application Circuit
The following table demonstrates the recommended values of the external components are those shown
on above circuit. Different values can be used.
COMPONENT
PURPOSE
RECOMMENDED VALUE
TYPICAL
LARGER
SMALLER
R1, R2, R3
Biasing Resistor
22kΩ
R4
Feedback Resistor
680Ω
Decrease of Gain*
Increase of Gain
R5
22kΩ
Increase of Gain
Decrease of Gain*
R6
Frequency Stability
2.2Ω
Danger of Oscillations
C1
Non-Inverting Input
Decoupling DC
2.2μF
Higher Low-frequency cut-off
C2
Supply Voltage
Rejection
100μF
Worse Turn-off Transient
Worse Turn-on Delay
C3
Supply Voltage Bypass
1000μF
Danger of Oscillations
Worse of Turn-off Transient
C4
Inverting Input DC
Decoupling
22μF
Increase of Switch ON/OFF Higher Low-frequency cut-off
C5
Supply Voltage Bypass
100nF
Danger of Oscillations
C6
Frequency Stability
0.47μF
Danger of Oscillations
C7
Output DC Decoupling
1000μF
Higher Low-frequency cut-off
* The gain must be higher than 24dB
Note: If the supply voltage is lower than 40V and the load is 8Ω (or more), a lower value of C2(i.e. 22μF) can
be used. C7 can be larger than 1000μF only if the supply voltage does not exceed 40V.


유사한 부품 번호 - TDA2050_15

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results

유사한 설명 - TDA2050_15

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
   22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com