전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7053AL-D16-T 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 TDA7053AL-D16-T
상세설명  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053AL-D16-T 데이터시트(HTML) 2 Page - Unisonic Technologies

  TDA7053AL-D16-T Datasheet HTML 1Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 2Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 3Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 4Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 5Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 6Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA7053A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R107-022.C
PIN CONFIGURATION
OUT1+
NC
PGND1
OUT1-
OUT2-
NC
PGND2
OUT2+
NC
VC1
VIN(1)
NC
VCC
VIN(2)
SGND
VC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN DESCRIPTION
PIN NO.
SYMBOL
DESCRIPTON
1
NC
No connection
2
VC1
DC volume control 1
3
NC
No connection
4
VIN(1)
Voltage input 1
5
VCC
Positive supply voltage
6
VIN(2)
Voltage input 2
7
SGND
Signal ground
8
VC2
DC volume control 2
9
OUT2+
Positive output 2
10
PGND2
Power ground 2
11
NC
No connection
12
OUT2-
Negative output 2
13
OUT1-
Negative output 1
14
PGND1
Power ground 1
15
NC
No connection
16
OUT1+
Positive output 1


유사한 부품 번호 - TDA7053AL-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7053AL-D16-T UTC-TDA7053AL-D16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TDA7053AL-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com