전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7377L-J15-A-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 TDA7377L-J15-A-T
상세설명  30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377L-J15-A-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  TDA7377L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 8Page - Unisonic Technologies TDA7377L-J15-A-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7377
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R107-064.C
2 x 30W DUAL/QUAD POWER
AMPLIFIER FOR CAR RADIO
DESCRIPTION
The UTC TDA7377 is a class AB car radio amplifier for car
radio, it can work either in dual bridge or quad single ended
configuration. The exclusive fully complementary structure of the
output stage and the internally fixed gain guarantees the highest
possible power performances with few external components. The
on-board clip detector simplifies gain compression operation. The
fault diagnostics makes it possible to detect mistakes during car
radio set assembly and wiring in the car.
FEATURES
* High Output Power@VCC=14.4V, f=1KHz,RL=4Ω:
– 2 x 35W Max.
– 2 x 20W@THD= 10%
– 4 x 6 W @10%
– 4 x 10W / 2Ω@10%
– 2 x 30W / EIAJ@ VCC =13.7V,RL=4Ω
* CMOS Compatible Stand-by Function (Low ICC)
* No Audible pop During st-by Operations
* Internally Fixed Gain (26dB BTL and 20dB single ended)
* No Bootstrap Capacitors and boucherot Cells
* Diagnostics Facility on pin10 when output Clipping, shorted to
Vcc or GND, thermal shutdown and soft short at turn on.
* Rail to rail output swing
* Absolute Stability Without Any External Compensation.
HZIP-15D
HZIP-15A
PROTECTIONS
* Load Dump Voltages surge
* Reversed Battery
* Output DC Short Circuit protecttion with
Low current when shorted to GND or VCC.
* Output AC short circuit protection: across
the load
* Silent Turn On/Off
* thermal shutdown
* Load very Inductive speakers
* Fortuitous Open GND
* ESD
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TDA7377L-J15-A-T
TDA7377G-J15-A-T
HZIP-15A
Tube
TDA7377L-J15-D-T
TDA7377G-J15-D-T
HZIP-15D
Tube
TDA7377L-J15-A-T
(1) Packing Type
(2) Package Type
(3) Lead Free
(1) T: Tube
(2) J15-A:HZIP-15A, J15-D: HZIP-15D
(3) L: Lead Free, G: Halogen Free


유사한 부품 번호 - TDA7377L-J15-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7377L-J15-D-T UTC-TDA7377L-J15-D-T Datasheet
311Kb / 8P
   2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

유사한 설명 - TDA7377L-J15-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
   2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
D7377 ETC-D7377 Datasheet
486Kb / 11P
   2×30W Dual/Quad Power Amplifier for Car Radio D7377
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7383 STMICROELECTRONICS-TDA7383 Datasheet
339Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
   30W BRIDGE CAR RADIO AMPLIFIER
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
   2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
   2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com