전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7297L-J15-D-T 데이터시트(PDF) 8 Page - Unisonic Technologies

부품명 TDA7297L-J15-D-T
상세설명  10W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7297L-J15-D-T 데이터시트(HTML) 8 Page - Unisonic Technologies

  TDA7297L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7297L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TDA7297
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R105-044.E
TYPICAL CHARACTERISTICS
Frequency Respone
Frequency, f (Hz)
0
1K
100K
Output Power vs. Supply Voltage
Supply Voltage, VCC (V)
0
0
2
4
6
8
10
12
14
16
18
20
6 7 8 9 10 11 12 13 14 15
Quiscent Current vs. Supply Voltage
Supply Voltage, VCC (V)
0
4
12
20
28
36
44
78
19
9
-5
-4
-3
-2
-1
0
1
2
3
4
5
100
10K
VCC=13V
RL=8Ω
Pout=1W
16 17 18 19
RL=8Ω
f = 1KHz
d=10%
d=1%
10
40
32
24
16
8
10 11
13
12
14 15 16 17 18
20
6
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - TDA7297L-J15-D-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
125Kb / 9P
   1515W DUAL BRIDGE AMPLIFIER
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
   1010W DUAL BRIDGE AMPLIFIER
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
More results

유사한 설명 - TDA7297L-J15-D-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
   1010W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
   1010W DUAL BRIDGE AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
181Kb / 12P
   10W AMPLIFIER
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
   10W AUDIO AMPLIFIER
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
   10W STEREO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com