전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL072L-P08-T 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 TL072L-P08-T
상세설명  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-P08-T 데이터시트(HTML) 7 Page - Unisonic Technologies

  TL072L-P08-T Datasheet HTML 1Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 2Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 3Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 4Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 5Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 6Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 7Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 8Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R105-004,F
TYPICAL CHARACTERISTICS
Maximum Peak-to-Peak Output Voltage vs.
Frequency
100
30
5
10M
1M
10
25
0
10k
Frequency (Hz)
15
100k
1k
20
VCC = ±15V
VCC = ±10V
VCC = ±5V
RL = 2kΩ
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage vs.
Frequency
100
30
5
10M
1M
10
25
0
10k
Frequency (Hz)
15
100k
1k
20
VCC = ±15V
VCC = ±10V
VCC = ±5V
RL = 10kΩ
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage vs.
Frequency
10k
30
5
10M
1M
10
25
0
400k
Frequency (Hz)
15
100k
40k
20
VCC = ±15V
RL = 2kΩ
See Figure 2
Maximum Peak-to-Peak Output Voltage vs.
Free Air Temp.
-75
30
5
125
75
10
25
0
0
Temperature (℃)
15
50
-50
20
VCC = ±15V
See Figure 2
RL = 10kΩ
4M
Ta = +25℃
Ta = -40℃
Ta = +125℃
RL = 2kΩ
25
-25
100
Maximum Peak-to-Peak Output Voltage vs.
Load Resistance
0.1
30
5
10
4
10
25
0
1
Load Resistance (kΩ)
15
0.4
0.2
20
VCC = ±15V
Ta = +25℃
See Figure 2
Maximum Peak-to-Peak Output Voltage vs.
Supply Voltage
0
30
5
16
12
10
25
0
6
Supply Voltage(±V)
15
10
2
20
78
414
2
0.7
RL = 10kΩ
Ta = +25℃


유사한 부품 번호 - TL072L-P08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072L-P08-T UTC-TL072L-P08-T Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

유사한 설명 - TL072L-P08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com