전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF998WR 데이터시트(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF998WR
상세설명  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR 데이터시트(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Sep 05
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.3 Transfer characteristics; typical values.
VDS =8V.
Tamb =25 °C.
0
24
16
8
0
1
1
MGC471
I D
(mA)
V
(V)
G1 S
V
= 4 V
3 V
2 V
1 V
0 V
G2 S
Fig.4 Output characteristics; typical values.
VG2-S =4V.
Tamb =25 °C.
0
24
16
8
0
210
MGC470
46
8
I D
(mA)
V
(V)
DS
0.4 V
0.3 V
0.2 V
0.1 V
−0.1 V
0 V
V
=
G1 S
−0.2 V
−0.3 V
−0.4 V
−0.5 V
VDS = 8 V; VG2 = 4 V; Tamb =25 °C.
Fig.5
Drain current as a function of gate 1 voltage;
typical values.
−1600
400
24
0
8
16
MGC472
−1200
−800
−400
0
max
typ
min
ID
(mS)
V
(mV)
G1
Fig.6
Forward transfer admittance as a function
of drain current; typical values.
VDS = 8 V; Tamb =25 °C.
020
30
0
6
MGC473
12
18
24
4
8
12
16
y fs
(mS)
I
(mA)
D
V
= 0 V
G2
− S
0.5 V
4 V
3 V
2 V
1 V


유사한 부품 번호 - BF998WR_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
More results

유사한 설명 - BF998WR_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com