전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3159MDBVREP 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A3159MDBVREP
상세설명  1-W SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159MDBVREP 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TS5A3159MDBVREP Datasheet HTML 7Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 8Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 9Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 10Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 11Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 12Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 13Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 14Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
TYPICAL PERFORMANCE
TA = −40°C
TA = 85°C
TA = 25°C
VCOM (V)
0
1
2
3
V+ = 3 V
1.6
1.4
1.2
1
0.8
0.6
0.4
0
0.2
V+ = 1.8 V
V+ = 3 V
VCOM (V)
0
1
2
3
4
3.5
3
2.5
2
1.5
1
0.5
0
V+ = 2.5 V
V+ = 4.5 V
TA = 255C
0
1
2
3
4
TA = −40°C
TA = 85°C
TA = 25°C
1.2
1
0.8
0.6
0.4
0.2
0
VCOM (V)
V+ = 4.5 V
0
2
4
6
8
10
12
14
16
18
−40
−20
0
20
40
60
80
100
Temperature (
°C)
V+ = 5 V
INO(OFF)
INC(OFF)
ICOM(ON)
INC(ON)
INO(ON)
0
2
4
6
8
10
12
14
16
18
20
−40
−20
0
20
40
60
80
100
Temperature (
°C)
V+ = 5 V
tr = 2.5 ns
tf = 2.5 ns
0
10
20
30
40
50
0
1
2
3
4
5
6
Supply Voltage (V)
VCOM = V+
TA = 25°C
tr < 20 ns
tf < 20 ns
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM
Figure 3. ron vs VCOM
Figure 4. Leakage Current vs Temperature
Figure 5. tON/tOFF vs V+
Figure 6. tON/tOFF vs Temperature
11
Submit Documentation Feedback


유사한 부품 번호 - TS5A3159MDBVREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159MDBVREP TI-TS5A3159MDBVREP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159MDBVREP TI1-TS5A3159MDBVREP Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

유사한 설명 - TS5A3159MDBVREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com