전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3159-Q1 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TS5A3159-Q1
상세설명  1-廓 SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-Q1 데이터시트(HTML) 4 Page - Texas Instruments

  TS5A3159-Q1_15 Datasheet HTML 1Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 2Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TS5A3159-Q1
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
Electrical Characteristics for 5-V Supply (continued)
V+ = 4.5 V to 5.5 V and TA = −40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
CNC(ON),
NC, NO
VNC or VNO = V+ or GND,
See Figure 14
25°C
5 V
84
pF
CNO(ON)
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 14
25°C
5 V
84
pF
ON capacitance
Switch ON,
CIN
Digital input capacitance
VIN = V+ or GND,
See Figure 14
25°C
5 V
2.1
pF
RL = 50 Ω,
BW
Bandwidth
See Figure 17
25°C
5 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
5 V
–65
dB
f = 1 MHz,
See Figure 18
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
5 V
–65
dB
f = 1 MHz,
See Figure 19
f = 600 Hz to 20
RL = 600 Ω,
THD
Total harmonic distortion
kHz,
25°C
5 V
0.01
%
CL = 50 pF,
See Figure 21
Supply
25°C
0.1
I+
Positive supply current
VIN = V+ or GND,
Switch ON or OFF
5.5 V
µA
Full
0.5
Electrical Characteristics for 3.3-V Supply
V+ = 3 V to 3.6 V and TA = −40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO,VNC
25°C
1.35
2.2
0
≤ VNO or VNC ≤ V+,
Switch ON,
rpeak
Peak ON-state resistance
3 V
ICOM = −24 mA,
See Figure 11
Full
2.2
25°C
1.15
1.8
VNO or VNC = 2 V,
Switch ON,
ron
ON-state resistance
3 V
ICOM = −24 mA,
See Figure 11
Full
1.8
ON-state resistance match
VNO or VNC = 2 V, 0.8 V,
Switch ON,
∆ron
25°C
3 V
0.11
between channels
ICOM = −24 mA,
See Figure 11
0
≤ VNO or VNC ≤ V+,
25°C
0.225
ICOM = −24 mA,
Switch ON,
ron(flat)
ON-state resistance flatness
3 V
See Figure 11
VNO or VNC = 2 V, 0.8 V,
25°C
0.25
ICOM = −24 mA,
INC(OFF),
NC, NO
VNC or VNO = 3 V,
Switch OFF,
25°C
3.6 V
0.2
nA
INO(OFF)
OFF leakage current
VCOM = 0,
See Figure 12
INC(ON),
NC, NO
VNC or VNO = 3 V,
Switch ON,
25°C
3.6 V
2.8
nA
INO(ON)
ON leakage current
VCOM = Open,
See Figure 13
COM
VNC or VNO = 3 V or Open,
Switch ON,
ICOM(ON)
25°C
3.6 V
0.47
nA
ON leakage current
VCOM = 3 V,
See Figure 13
Digital Inputs (IN)
VIH
Input logic high
Full
2
5.5
V
VIL
Input logic low
Full
0
0.6
V
IIH, IIL
Input leakage current
VIN = 5.5 V or 0
Full
3.6 V
–1
1
µA
Dynamic
25°C
3 V
30
40
VCOM = V+,
CL = 35 pF,
tON
Turn-on time
to
ns
RL = 50 Ω
See Figure 15
Full
55
3.6 V
25°C
3 V
20
25
VCOM = V+,
CL = 35 pF,
tOFF
Turn-off time
to
ns
RL = 50 Ω
See Figure 15
Full
40
3.6 V
(1)
TA = 25°C
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS5A3159-Q1


유사한 부품 번호 - TS5A3159-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

유사한 설명 - TS5A3159-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com