전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3167 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TS5A3167
상세설명  0.9-廓 SPST ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3167 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TS5A3167_15 Datasheet HTML 4Page - Texas Instruments TS5A3167_15 Datasheet HTML 5Page - Texas Instruments TS5A3167_15 Datasheet HTML 6Page - Texas Instruments TS5A3167_15 Datasheet HTML 7Page - Texas Instruments TS5A3167_15 Datasheet HTML 8Page - Texas Instruments TS5A3167_15 Datasheet HTML 9Page - Texas Instruments TS5A3167_15 Datasheet HTML 10Page - Texas Instruments TS5A3167_15 Datasheet HTML 11Page - Texas Instruments TS5A3167_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TS5A3167
SCDS187A – FEBRUARY 2005 – REVISED OCTOBER 2012
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
25°C
2.5 V
2
6
10
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
1
12
2.7 V
25°C
2.5 V
4.5
8
10.5
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 17
Full
3
15
2.7 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
4
pC
RGEN = 0,
See Figure 21
NC
VNC = V+ or GND,
CNC(OFF)
See Figure 16
25°C
2.5 V
19.5
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 16
25°C
2.5 V
18.5
pF
OFF capacitance
Switch OFF,
NC
VNC = V+ or GND,
CNC(ON)
See Figure 16
25°C
2.5 V
36.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25°C
2.5 V
36.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
2.5 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–62
dB
f = 1 MHz,
See Figure 19
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.02
%
distortion
CL = 50 pF,
See Figure 21
Supply
25°C
0.001
0.02
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
μA
current
Full
0.25
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
8
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: TS5A3167


유사한 부품 번호 - TS5A3167_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DBVRE4 TI-TS5A3167DBVRE4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DBVRG4 TI-TS5A3167DBVRG4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-R SPST ANLOG SWITCH
TS5A3167DCKR TI-TS5A3167DCKR Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
More results

유사한 설명 - TS5A3167_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com