전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1109 데이터시트(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1109
상세설명  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1109 데이터시트(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1109_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Dec 08
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S = 4 V; VDS = 9 V; self-biasing current; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
note 1
350
K/W
Rth j-s
thermal resistance from junction to soldering point
200
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA11
V
V(BR)G1-SS gate 1-source breakdown voltage
VG2-S = 0; IG1-S =10 µA; ID =0
11
V
V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S =10 µA11
V
VG2-S (th)
gate 2-source threshold voltage
VG1-S =9V; VDS =9V; ID =20 µA
0.3
1.2
V
IDSX
self-biasing drain current
VG2-S =4V; VDS = 9 V
8
16
mA
IG1-SS
gate 1 cut-off current
VG1-S =9V; VG2-S = 0; ID =0
20
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =9V
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C24
30
mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
2.2
2.7
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
1.5
pF
Coss
output capacitance
f = 1 MHz
1.3
pF
Crss
reverse transfer capacitance f = 1 MHz
25
40
fF
F
noise figure
f = 800 MHz; YS =YS opt
1.5
2.5
dB
Gp
power gain
GS = 2 mS; BS =BS opt; GL = 0.5 mS;
BL =BL opt; f = 200 MHz; see Fig.16
38
dB
GS = 3.3 mS; BS =BS opt; GL = 1 mS;
BL =BL opt; f = 800 MHz; see Fig.17
20
dB
Xmod
cross-modulation
input level for k = 1% at 0 dB AGC;
fw = 50 MHz; funw = 60 MHz; see Fig.18
85
−−
dB
µV
input level for k = 1% at 40 dB AGC;
fw = 50 MHz; funw = 60 MHz; see Fig.18
100
−−
dB
µV


유사한 부품 번호 - BF1109_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1109R PHILIPS-BF1109R Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR PHILIPS-BF1109WR Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

유사한 설명 - BF1109_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com