전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3357 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TS5A3357
상세설명  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TS5A3357_15 Datasheet HTML 5Page - Texas Instruments TS5A3357_15 Datasheet HTML 6Page - Texas Instruments TS5A3357_15 Datasheet HTML 7Page - Texas Instruments TS5A3357_15 Datasheet HTML 8Page - Texas Instruments TS5A3357_15 Datasheet HTML 9Page - Texas Instruments TS5A3357_15 Datasheet HTML 10Page - Texas Instruments TS5A3357_15 Datasheet HTML 11Page - Texas Instruments TS5A3357_15 Datasheet HTML 12Page - Texas Instruments TS5A3357_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1)
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
Peak ON
0
≤ VNO ≤ V+,
Switch ON,
rpeak
Full
1.65 V
150
resistance
ICOM = –4 mA,
See Figure 13
VNO = 0 V,
25
°C
10
20
ICOM = 4 mA
Full
20
ON-state
Switch ON,
ron
1.65 V
resistance
See Figure 13
VNO = 1.8 V,
25
°C
17
50
ICOM = –4 mA
Full
50
ON-state
resistance
VNO = 1.15 V,
Switch ON,
Δron
25
°C
1.65 V
0.3
match between
ICOM = –4 mA,
See Figure 13
channels
ON-state
0
≤ VNO ≤ V+,
Switch ON,
ron(flat)
25
°C
1.8 V
140
resistance flatness
ICOM = –4 mA,
See Figure 13
NO
25
°C
–0.1
0.1
VNO = 0 to V+,
Switch OFF,
OFF leakage
INO(OFF)
1.95 V
µA
VCOM = V+ to 0
See Figure 14
Full
–1
1
current
COM
25
°C
–0.1
0.1
VCOM = 0 to V+,
Switch OFF,
OFF leakage
ICOM(OFF)
1.95 V
µA
VNO = V+ to 0,
See Figure 14
Full
–1
1
current
NO
25
°C
–0.1
0.1
VNO = 0 to V+,
Switch ON,
ON leakage
INO(ON)
1.95 V
µA
VCOM = V+ to 0,
See Figure 14
Full
–1
1
current
COM
25
°C
–0.1
0.1
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
1.95 V
µA
VCOM = 0 to V+,
See Figure 14
Full
–1
1
current
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.75
5.5
V
Input logic low
VIL
Full
0
V+ × 0.25
V
25
°C
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
µA
current
Full
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A3357


유사한 부품 번호 - TS5A3357_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI1-TS5A3357_14 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
More results

유사한 설명 - TS5A3357_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com