전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1205 데이터시트(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1205
상세설명  Dual N-channel dual gate MOS-FET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1205 데이터시트(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1205_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1205_15 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2003 Sep 30
10
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1205
handbook, halfpage
01
2
4
0
60
3
VAGC (V)
gain
reduction
(dB)
20
40
MGX438
Fig.11 Gain reduction as a function of AGC
voltage; typical values; amplifier a.
VDS (a)=VDS (b) = 5 V; VG1-S (b) = 0 V; f = 50 MHz; see Fig.13.
handbook, halfpage
0
gain reduction (dB)
60
16
12
4
0
8
20
40
MGX439
ID
(mA)
Fig.12 Drain current as a function of gain
reduction; typical values; amplifier a.
VDS (a)=VDS (b) = 5 V; VG1-S (b) = 0 V; f = 50 MHz; Tamb =25 °C;
see Fig.13.
handbook, full pagewidth
L2
2.2
µH
RG1
150 k
10 k
RGEN
50
Vi
L1
2.2
µH
MGX440
d (a)
s
d (b)
g1 (a)
g2
g1 (b)
4.7 nF
4.7 nF
4.7 nF
4.7 nF
4.7 nF
BF1205
4.7 nF
RL
50
50
50
VDS(a)
5 V
VDS(b)
5 V
VGG
0 V
VAGC
Fig.13 Cross-modulation test set-up for amplifier a.


유사한 부품 번호 - BF1205_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
logo
Quanzhou Jinmei Electro...
BF1205C JMNIC-BF1205C Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205_2015 JMNIC-BF1205_2015 Datasheet
190Kb / 24P
   Dual N-channel dual gate MOS-FET
More results

유사한 설명 - BF1205_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com