전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A22364 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TS5A22364
상세설명  TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364 데이터시트(HTML) 5 Page - Texas Instruments

  TS5A22364_15 Datasheet HTML 1Page - Texas Instruments TS5A22364_15 Datasheet HTML 2Page - Texas Instruments TS5A22364_15 Datasheet HTML 3Page - Texas Instruments TS5A22364_15 Datasheet HTML 4Page - Texas Instruments TS5A22364_15 Datasheet HTML 5Page - Texas Instruments TS5A22364_15 Datasheet HTML 6Page - Texas Instruments TS5A22364_15 Datasheet HTML 7Page - Texas Instruments TS5A22364_15 Datasheet HTML 8Page - Texas Instruments TS5A22364_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TS5A22364
www.ti.com
SCDS261G – MARCH 2008 – REVISED SEPTEMBER 2015
6.4 Thermal Information
TS5A22364
THERMAL METRIC (1)
DGS (VSSOP)
DRC (VSON)
YZP (DSBGA)
UNIT
10 PINS
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
163.3
44.3
90.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.4
70.1
0.3
°C/W
RθJB
Junction-to-board thermal resistance
83.1
19.3
8.3
°C/W
ψJT
Junction-to-top characterization parameter
6.8
2.0
3.2
°C/W
ψJB
Junction-to-board characterization parameter
81.8
19.4
8.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
6.2
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics for 2.5-V Supply
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal
VCC – 5.5
VCC
V
VNO, VNC
range
VNC or VNO = VCC, 1.5 V,
25°C
0.65
0.94
ON-state
COM to NO or NC,
Ron
VCC – 5.5 V
2.7 V
resistance
see Figure 13
Full
1.3
ICOM = –100 mA,
ON-state
25°C
0.023
0.11
VNC or VNO = 1.5 V,
COM to NO or NC,
ΔRon
resistance match
2.7 V
ICOM = –100 mA,
see Figure 13
Full
0.15
between channels
ON-state
VNC or VNO = VCC, 1.5 V,
25°C
0.18
0.46
COM to NO or NC,
Ron(flat)
resistance
VCC – 5.5 V
2.7 V
see Figure 13
Full
0.5
flatness
ICOM = –100 mA,
Shunt switch
RSH
INO or INC = 10 mA
Full
2.7 V
25
50
resistance
COM
25°C
–50
50
VNC and VNO = Floating,
ICOM(ON)
ON leakage
See Figure 15
2.7 V
nA
VCOM = VCC,VCC – 5.5 V,
Full
–375
375
current
DIGITAL CONTROL INPUTS (IN) (2)
VIH
Input logic high
1.4
5.5
Full
V
VIL
Input logic low
0.6
25°C
–250
250
Input leakage
IIH, IIL
VIN = VCC or 0
2.7 V
nA
current
Full
–250
250
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Floating digital inputs will cause
excessive current consumption. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A22364


유사한 부품 번호 - TS5A22364_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DGSR TI-TS5A22364DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

유사한 설명 - TS5A22364_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com