전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4034 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 M4034
상세설명  3-INPUT VIDEO SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4034 데이터시트(HTML) 4 Page - Unisonic Technologies

  M4034_15 Datasheet HTML 1Page - Unisonic Technologies M4034_15 Datasheet HTML 2Page - Unisonic Technologies M4034_15 Datasheet HTML 3Page - Unisonic Technologies M4034_15 Datasheet HTML 4Page - Unisonic Technologies M4034_15 Datasheet HTML 5Page - Unisonic Technologies M4034_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M4034
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R124-005.Ba
EQUIVALENT CIRCUIT
PIN NO.
PIN FUNCTION
INSIDE EQUIVALENT CIRCUIT
1
VIN1
2
SW1
13kΩ
1.1mA
9kΩ
200Ω
2kΩ
SW1
3
VIN2
4
SW2
13kΩ
1.1mA
9kΩ
200Ω
2kΩ
SW2
5
VIN3
(Mute)
6
V
+
7
VOUT
200Ω
5mA
VOUT
8
GND


유사한 부품 번호 - M4034_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results

유사한 설명 - M4034_15

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
logo
New Japan Radio
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com