전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC34SH84 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DAC34SH84
상세설명  DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC34SH84 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC34SH84_15 Datasheet HTML 6Page - Texas Instruments DAC34SH84_15 Datasheet HTML 7Page - Texas Instruments DAC34SH84_15 Datasheet HTML 8Page - Texas Instruments DAC34SH84_15 Datasheet HTML 9Page - Texas Instruments DAC34SH84_15 Datasheet HTML 10Page - Texas Instruments DAC34SH84_15 Datasheet HTML 11Page - Texas Instruments DAC34SH84_15 Datasheet HTML 12Page - Texas Instruments DAC34SH84_15 Datasheet HTML 13Page - Texas Instruments DAC34SH84_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
DAC34SH84
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics – Digital Specifications (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-level input
IIL
–40
40
µA
current
CMOS input
CI
2
pF
capacitance
IOVDD2 –
Iload = –100 μA
V
0.2
VOH
ALARM, SDO, SDIO
0.8 ×
Iload = –2 mA
V
IOVDD2
Iload = 100 μA
0.2
V
VOL
ALARM, SDO, SDIO
Iload = 2 mA
0.5
V
PHASE-LOCKED LOOP
PLL_vco = 011110 (30)
2940
2957
PLL_vco = 100010 (34)
2957
3000
PLL_vco = 100110 (38)
3000
3043
PLL_vco = 101010 (42)
3034
3086
PLL/VCO operating
PLL_vco = 101110 (46)
3069
3120
MHz
frequency
PLL_vco = 110010 (50)
3103
3163
PLL_vco = 110110 (54)
3128
3215
PLL_vco = 111010 (58)
3170
3257
PLL_vco = 111111 (63)
3215
3300
6.7 Electrical Characteristics – AC Specifications
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE(1)
fDAC = 1.5 GSPS, fOUT = 20 MHz
78
Spurious-free dynamic range,
SFDR
fDAC = 1.5 GSPS, fOUT = 50 MHz
74
dBc
(0 to fDAC / 2) tone at 0 dBFS
fDAC = 1.5 GSPS, fOUT = 70 MHz
71
fDAC = 1.5 GSPS, fOUT = 30 ± 0.5 MHz
87
Third-order two-tone intermodulation
distortion,
IMD3
fDAC = 1.5 GSPS, fOUT = 50 ± 0.5 MHz
85
dBc
each tone at –12 dBFS
fDAC = 1.5 GSPS, fOUT = 100 ± 0.5 MHz
78
fDAC = 1.5 GSPS, fOUT = 10 MHz
160
Noise spectral density,(2)
NSD
dBc / Hz
tone at 0 dBFS
fDAC = 1.5 GSPS, fOUT = 80 MHz
158
fDAC = 1.47456 GSPS, fOUT = 30 MHz
76
Adjacent-channel leakage ratio, single
carrier
fDAC = 1.47456 GSPS, fOUT = 153 MHz
75
ACLR(2)
dBc
fDAC = 1.47456 GSPS, fOUT = 30 MHz
86
Alternate-channel leakage ratio, single
carrier
fDAC = 1.47456 GSPS, fOUT = 153 MHz
82
Channel isolation
fDAC = 1.5 GSPS, fOUT = 40 MHz
101
dBc
(1)
4:1 transformer output termination, 50-
Ω doubly terminated load
(2)
Single carrier, W-CDMA with 3.84-MHz BW, 5-MHz spacing, centered at IF, PAR = 12 dB. TESTMODEL 1, 10 ms
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DAC34SH84


유사한 부품 번호 - DAC34SH84_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

유사한 설명 - DAC34SH84_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com