전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC38J82 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC38J82
상세설명  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC38J82_15 Datasheet HTML 4Page - Texas Instruments DAC38J82_15 Datasheet HTML 5Page - Texas Instruments DAC38J82_15 Datasheet HTML 6Page - Texas Instruments DAC38J82_15 Datasheet HTML 7Page - Texas Instruments DAC38J82_15 Datasheet HTML 8Page - Texas Instruments DAC38J82_15 Datasheet HTML 9Page - Texas Instruments DAC38J82_15 Datasheet HTML 10Page - Texas Instruments DAC38J82_15 Datasheet HTML 11Page - Texas Instruments DAC38J82_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
DAC37J82, DAC38J82
SLASE16B – JANUARY 2014 – REVISED MAY 2014
www.ti.com
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER SUPPLY
VDDADAC33
3.15
3.3
3.45
3.15
3.3
3.45
V
VDDAPLL18, VDDAREF18,
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDS18, VQPS18, VDDR18
VDDIO18
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDDIG09, VDDDAC09,
0.85
0.9
0.95
0.85
0.9
0.95
V
VDDCLK09, VDDT09
PSRR
Power Supply Rejection Ratio
DC tested
±0.2
±0.2
%FSR/V
POWER CONSUMPTION
I(VDDADAC33)
Analog supply current
-
64
80
MODE 1:(DAC38J82)
I(VDDDIG09)
Digital supply current
-
628
800
fDAC=2.46GSPS, 2x
interpolation,
I(VDDDAC09)
DAC supply current
-
13
25
NCO on, QMC on, inverse
I(VDDCLK09)
Clock supply current
-
86
120
mA
sinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
-
168
250
LMF=421,
I(VDDR18)
SerDes analog supply current
-
18
35
SerDes rate = 12.3GSPS,
20mA FS output,
I(VDD18)
Other 1.8V supply current
-
53
80
IF=150MHz.
P
Power dissipation
-
1144
1290(2)
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 2: (DAC37J82)
I(VDDDIG09)
Digital supply current
418
418
fDAC=1.6GSPS, 2x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
57
57
mA
NCO on, QMC on, invsinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
139
139
LMF=421,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 8GSPS,
I(VDD18)
Other 1.8V supply current
50
50
20mA FS output, IF=150MHz.
P
Power dissipation
884
884
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 3:
I(VDDDIG09)
Digital supply current
363
363
fDAC=1.47456GSPS, 2x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
50
50
mA
NCO on, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
135
135
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 7.3728GSPS,
I(VDD18)
Other 1.8V supply current
30
30
20mA FS output, IF=150MHz.
P
Power dissipation
789
789
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 4:
I(VDDDIG09)
Digital supply current
312
312
fDAC=1.47456GSPS, 4x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
50
50
mA
NCO on, QMC off, invsinc off,
GDC off, PAP off, PLL off,
I(VDDT09)
SerDes core supply current
76
76
LMF=222,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 7.3728GSPS,
I(VDD18)
Other 1.8V supply current
30
30
20mA FS output, IF=150MHz.
P
Power dissipation
690
690
mW
(2)
The MAX power limit is set separately which is NOT equal to the power consumption when all of the power supplies are at the MAX
current.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J82 DAC38J82


유사한 부품 번호 - DAC38J82_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
More results

유사한 설명 - DAC38J82_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com