전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3152 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DAC3152
상세설명  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC3152 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC3152_15 Datasheet HTML 6Page - Texas Instruments DAC3152_15 Datasheet HTML 7Page - Texas Instruments DAC3152_15 Datasheet HTML 8Page - Texas Instruments DAC3152_15 Datasheet HTML 9Page - Texas Instruments DAC3152_15 Datasheet HTML 10Page - Texas Instruments DAC3152_15 Datasheet HTML 11Page - Texas Instruments DAC3152_15 Datasheet HTML 12Page - Texas Instruments DAC3152_15 Datasheet HTML 13Page - Texas Instruments DAC3152_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
50
100
150
200
250
Output Frequency (MHz)
fOUT =10 MHz
fDAC = 500 MSPS
G016
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
50
100
150
200
250
Output Frequency (MHz)
fOUT = 70 MHz
fDAC = 500 MSPS
G017
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (MHz)
Channel A
Channel B
fDAC = 500 MSPS
G014
50
60
70
80
0
50
100
150
200
250
Output Frequency (MHz)
Channel A
Channel B
fDAC = 500 MSPS
G015
40
50
60
70
80
0
50
100
150
200
250
Output Frequency (MHz)
Channel A
Channel B
G012
50
60
70
80
90
0
50
100
150
200
250
Output Frequency (MHz)
Channel A
Channel B
fDAC = 500 MSPS
G013
DAC3152
DAC3162
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
www.ti.com
Typical Characteristics (continued)
DVDD18 = CLKVDD18 = 1.8 V, AVDD33 = 3.3 V, fDAC = 500 MSPS, fOUT = 1 MHz, IOUTfs = 20 mA (unless otherwise noted)
Figure 13. DAC3162 Spurious-Free Dynamic Range
Figure 14. DAC3162 Second-Harmonic Distortion vs
Frequency
vs Frequency
Figure 15. DAC3162 Third-Harmonic Distortion
Figure 16. DAC3162 Fifth-Harmonic Distortion vs Frequency
vs Frequency
Figure 17. DAC3162 10-MHz Spectrum vs Frequency
Figure 18. DAC3162 70-MHz Spectrum vs Frequency
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: DAC3152 DAC3162


유사한 부품 번호 - DAC3152_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3152IRGZR TI1-DAC3152IRGZR Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152IRGZT TI1-DAC3152IRGZT Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
More results

유사한 설명 - DAC3152_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com