전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5670-SP 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5670-SP
상세설명  DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5670-SP 데이터시트(HTML) 1 Page - Texas Instruments

  DAC5670-SP Datasheet HTML 1Page - Texas Instruments DAC5670-SP Datasheet HTML 2Page - Texas Instruments DAC5670-SP Datasheet HTML 3Page - Texas Instruments DAC5670-SP Datasheet HTML 4Page - Texas Instruments DAC5670-SP Datasheet HTML 5Page - Texas Instruments DAC5670-SP Datasheet HTML 6Page - Texas Instruments DAC5670-SP Datasheet HTML 7Page - Texas Instruments DAC5670-SP Datasheet HTML 8Page - Texas Instruments DAC5670-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Phase
Detector
Loop
Filter
Variable
Delay
÷2
÷2
14bit
2.4Gsps
DAC
Input
Registers
Demux
and
Format
DA_P[13:0]
DA_N[13:0]
DB_P[13:0]
DB_N[13:0]
DLYCLK_P
DLYCLK_N
DTCLK_P
DTCLK_N
Bandgap
Ref
REFIO_IN
REFIO
RBIASOUT
RBIASIN
CSBIAS
CSBIAS_IN
IOUT_P
IOUT_N
INV_CLK
ModeControls
RESTART
LOCK
SLEEP
Phase
Detector
Loop
Filter
Variable
Delay
÷2
÷2
14bit
2.4Gsps
DAC
Input
Registers
Demux
and
Format
DA_P[13:0]
DA_N[13:0]
DB_P[13:0]
DB_N[13:0]
DLYCLK_P
DLYCLK_N
DTCLK_P
DTCLK_N
Bandgap
Ref
REFIO_IN
REFIO
RBIASOUT
RBIASIN
CSBIAS
CSBIAS_IN
IOUT_P
IOUT_N
INV_CLK
ModeControls
RESTART
SLEEP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC5670-SP
SGLS386F – JANUARY 2009 – REVISED OCTOBER 2014
DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
1 Features
3 Description
The DAC5670 is a 14-bit 2.4-GSPS DAC with dual
1
14-Bit Resolution
demultiplexed differential input ports. The DAC5670
2.4-GSPS Max Update Rate DAC
is clocked at the DAC sample rate and the two input
Dual Differential Input Ports
ports run at a maximum of 1.2 GSPS. An additional
reference bit input sequence is used to adjust the
Even/Odd Demultiplexed Data
output clock delay to the data source, optimizing the
Maximum 1.2 GSPS Each Port, 2.4 GSPS
internal data latching clock relative to this reference
Total
bit with a delay lock loop (DLL). Alternatively, the DLL
Dual 14-Bit Inputs + 1 Reference Bit
may be bypassed and the timing interface managed
by controlling DATA setup and hold timing to
DDR Output Clock
DLYCLK.
DLL Optimized Clock Timing Synchronized to
The DAC5670 can also accept data up to 1.2 GSPS
Reference Bit
using only the A input port. In the single port modes,
LVDS and HyperTransport™ Voltage Level
options include: repeating the input sample (A_ONLY
Compatible
mode), 2× interpolation by zero stuff (A_ONLY_ZS
Internal 100-
Ω Terminations for Data and
mode), or 2× interpolation by repeating and inverting
Reference Bit Inputs
the input sample (A_ONLY_INV). These modes are
used to double the input sample rate up to 2.4 GSPS.
Selectable 2× Interpolation With Fs / 2 Mixing
Differential Scalable Current Outputs: 5 to 30 mA
The DAC5670 operates with a single 3- to 3.6-V
supply voltage. Power dissipation is 2 W at maximum
On-Chip 1.2-V Reference
operating
conditions.
The
DAC5670
provides
a
3.3-V Analog Supply Operation
nominal full-scale differential current-output of 20 mA,
Power Dissipation: 2 W
supporting
both
single-ended
and
differential
applications.
An
on-chip
1.2-V
temperature-
192-Ball CBGA (GEM) Package
compensated
bandgap
reference
and
control
QML-V Qualified, SMD 5962-07247
amplifier allows the user to adjust the full-scale output
Military Temperature Range (–55°C to 125°C
current from the nominal 20 mA to as low as 5 mA or
Tcase)
as high as 30 mA.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Test and Measurement: Arbitrary Waveform
DAC5670-SP
CBGA (192)
19.00 mm × 19.00 mm
Generator
Communications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Engineering evaluation (/EM) samples are
available
Simplified Schematic
(1)
These units are intended for engineering evaluation only.
They are processed to a non-compliant flow (that is, no burn-
in, and so forth) and are tested to a temperature rating of
25°C only. These units are not suitable for qualification,
production, radiation testing, or flight use. Parts are not
warranted for performance over the full MIL specified
temperature range of –55°C to 125°C or operating life.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - DAC5670-SP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5670-SP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com