전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27313-Q1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM27313-Q1
상세설명  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM27313-Q1 데이터시트(HTML) 1 Page - Texas Instruments

  LM27313-Q1 Datasheet HTML 1Page - Texas Instruments LM27313-Q1 Datasheet HTML 2Page - Texas Instruments LM27313-Q1 Datasheet HTML 3Page - Texas Instruments LM27313-Q1 Datasheet HTML 4Page - Texas Instruments LM27313-Q1 Datasheet HTML 5Page - Texas Instruments LM27313-Q1 Datasheet HTML 6Page - Texas Instruments LM27313-Q1 Datasheet HTML 7Page - Texas Instruments LM27313-Q1 Datasheet HTML 8Page - Texas Instruments LM27313-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 2F
R2
13.3k
CF
220 pF
D1
MBR0520
R1/117k
L1/10 2H
C2
4.7 2F
12V
OUT
260 mA
(TYP)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
1 Features
3 Description
The LM27313/-Q1 switching regulator is a current-
1
LM27313-Q1 is an Automotive-Grade Product that
mode
boost
converter
with
a
fixed
operating
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
frequency of 1.6 MHz.
Operating Junction Temperature)
The use of the SOT-23 package, made possible by
30-V DMOS FET Switch
the minimal losses of the 800-mA switch, and the
1.6-MHz Switching Frequency
small inductors and capacitors result in extremely
Low RDS(ON) DMOS FET
high power density. The 30-V internal switch makes
these solutions perfect for boosting to voltages of 5 V
Switch Current up to 800 mA
to 28 V.
Wide Input Voltage Range (2.7 V to 14 V)
This device has a logic-level shutdown pin that can
Low Shutdown Current (< 1 µA)
be used to reduce quiescent current and extend
5-Lead SOT-23 Package
battery life.
Uses Tiny Capacitors and Inductors
Protection is provided through cycle-by-cycle current
Cycle-by-Cycle Current Limiting
limiting and thermal shutdown. Internal compensation
Internally Compensated
simplifies design and reduces component count.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
White LED Current Source
LM27313
PDAs and Palm-Top Computers
SOT-23 (5)
2.90 mm x 1.60 mm
LM27313-Q1
Digital Cameras
(1) For all available packages, see the orderable addendum at
Portable Phones, Games, and Media Players
the end of the data sheet.
GPS Devices
Typical Application Circuit
Efficiency vs. Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM27313-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27313 NSC-LM27313 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313 TI-LM27313 Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF TI-LM27313XMF Datasheet
1,013Kb / 20P
[Old version datasheet]   LM27313/LM27313-Q1
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results

유사한 설명 - LM27313-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com