전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6115AIBZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL6115AIBZ-T
상세설명  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115AIBZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL6115AIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6855.1
April 23, 2010
Absolute Maximum Ratings TA = +25°C
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 8V
ISEN, PGOOD, PWRON, CTIM, ISET . . . -0.3V to VDD + 0.3V
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . +12V ±15%
Temperature Range (TA) . . . . . . . . . . . . . . -40°C to +85°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VDD = 12V, TA = TJ = full temperature range, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
CURRENT CONTROL
ISET Current Source
IISET_ft
17
20
22
µA
ISET Current Source
IISET_pt
TJ = +15°C to +55°C
19
20
21
µA
Current Limit Amp Offset Voltage
Vio_ft
VISET - VISEN
-4.5
0
4.5
mV
Current Limit Amp Offset Voltage
Vio_pt
VISET - VISEN, TJ = +15°C to
+55°C
-2
0
2
mV
GATE DRIVE
GATE Response Time to Severe OC
pd_woc_amp
VGATE to 10.8V
-
100
-
ns
GATE Response Time to Overcurrent
pd_oc_amp
VGATE to 10.8V
-
600
-
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
10.8
14
16.7
µA
GATE Pull-Down Current
OC_GATE_I_4V
Overcurrent
45
82
124
mA
GATE Pull-Down Current (Note 6)
WOC_GATE_I_4V Severe Overcurrent
-
0.8
-
A
Undervoltage Threshold
12VUV_VTH
8.9
9.6
10.2
V
GATE High Voltage
12VG
GATE Voltage
VDD +
5.7V
VDD +
6.5V
-
V
BIAS
VDD Supply Current
IVDD
-
3
3.9
mA
VDD POR Rising Threshold
VDD_POR_L2H
VDD Low to High
7
8.4
9
V
VDD POR Falling Threshold
VDD_POR_H2L
VDD High to Low
6.9
8.1
8.7
V
VDD POR Threshold Hysteresis
VDD_POR_HYS
VDD_POR_L2H - VDD_POR_H2L
0.1
0.3
0.5
V
Maximum PWRON Pull-Up Voltage
PWRN_PUV
Maximum External Pull-up
Voltage
-
5
-
V
PWRON Pull-Up Voltage
PWRN_V
PWRON Pin Open
2.5
3.2
-
V
PWRON Rising Threshold
PWR_Vth
1.1
1.7
2.35
V
PWRON Hysteresis
PWR_hys
125
170
250
mV
PWRON Pull-Up Current
PWRN_I
12.6
17
24
µA
ISL6115A


유사한 부품 번호 - ISL6115AIBZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6115AIBZ-T INTERSIL-ISL6115AIBZ-T Datasheet
220Kb / 10P
   12V Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115AIBZ-T RENESAS-ISL6115AIBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

유사한 설명 - ISL6115AIBZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com