전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6115CB 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL6115CB
상세설명  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115CB 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL6115CB Datasheet HTML 1Page - Intersil Corporation ISL6115CB Datasheet HTML 2Page - Intersil Corporation ISL6115CB Datasheet HTML 3Page - Intersil Corporation ISL6115CB Datasheet HTML 4Page - Intersil Corporation ISL6115CB Datasheet HTML 5Page - Intersil Corporation ISL6115CB Datasheet HTML 6Page - Intersil Corporation ISL6115CB Datasheet HTML 7Page - Intersil Corporation ISL6115CB Datasheet HTML 8Page - Intersil Corporation ISL6115CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Power Distribution Controllers
ISL6115, ISL6116, ISL6117,
ISL6120
This family of fully featured hot swap power controllers
targets applications in the +2.5V to +12V range. The
ISL6115 is for +12V control, the ISL6116 for +5V, the
ISL6117 for +3.3V and the ISL6120 for +2.5V control
applications. Each has a hard wired undervoltage (UV)
monitoring and reporting threshold level approximately
80% of the aforementioned voltage.
The ISL6115 has an integrated charge pump allowing
control of up to +16V rails using an external N-Channel
MOSFET whereas the other devices utilize the +12V
bias voltage to fully enhance the N-Channel pass FET.
All ICs feature programmable overcurrent (OC)
detection, current regulation (CR) with time delay to
latch-off and soft-start.
The current regulation level is set by 2 external
resistors; RISET sets the CR Vth and the other is a low
ohmic sense element across, which the CR Vth is
developed. The CR duration is set by an external
capacitor on the CTIM pin, which is charged with a
20µA current once the CR Vth level is reached. If the
voltage on the CTIM capacitor reaches 1.9V the IC then
quickly pulls down the GATE output latching off the
pass FET.
This family although designed for high side switch
control the ISL6116, ISL6117, ISL6120 can also be
used in a low side configuration for control of much
higher voltage potentials.
Features
• HOT SWAP Single Power Distribution Control
(ISL6115 for +12V, ISL6116 for +5V, ISL6117 for
+3.3V and ISL6120 for +2.5V)
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Regulation Time to
Latch-Off
• Rail-to-Rail Common Mode Input Voltage Range
(ISL6115)
• Internal Charge Pump Allows the Use of N-Channel
MOSFET for +12V Control (ISL6115)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• Pb-Free Available (RoHS Compliant)
Applications
• Power Distribution Control
• Hot Plug Components and Circuit
Application Circuits- High Side
Controller
Application Two - Low Side
Controller
+12V
-
+
PWRON
LOAD
PGOOD
OC
1
2
3
4
8
7
6
5
ISL6115
+V SUPPLY TO BE CONTROLLED
ISL6116
ISL6117
ISL6120
LOAD
12V REG
+VBUS
OC
PWRON
ISL6116
ISL6117
ISL6120
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
April 29, 2010
FN9100.7


유사한 부품 번호 - ISL6115CB

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6115CB INTERSIL-ISL6115CB Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
More results

유사한 설명 - ISL6115CB

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com