전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0102 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPL0102
상세설명  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPL0102 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPL0102_15 Datasheet HTML 2Page - Texas Instruments TPL0102_15 Datasheet HTML 3Page - Texas Instruments TPL0102_15 Datasheet HTML 4Page - Texas Instruments TPL0102_15 Datasheet HTML 5Page - Texas Instruments TPL0102_15 Datasheet HTML 6Page - Texas Instruments TPL0102_15 Datasheet HTML 7Page - Texas Instruments TPL0102_15 Datasheet HTML 8Page - Texas Instruments TPL0102_15 Datasheet HTML 9Page - Texas Instruments TPL0102_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RHEOSTAT MODE (Measurements between W and L with H not connected, or between W and H with L not connected)
RINL(10)(11)
Integral non-linearity
–1
1
LSB
RDNL(10)(12)
Differential non-linearity
–0.5
0.5
LSB
OFFSETRM
(13) (14)
Offset
0
0.2
2
LSB
Channel-to-Channel
MATCHRM
(13) (15)
–2
2
LSB
matching
Code = 0x00h,
BW
Bandwidth
L Floating,
54
kHz
Input applied to W, Measure at H, CLOAD = 10 pF
(10) RLSB = (RMEAS[code 255] – RMEAS[code 0]) / 255
(11) RINL =( (RMEAS[code x] – RMEAS[code 0]) / RLSB) - [code x]
(12) RDNL =( (RMEAS[code x] – RMEAS[code x-1]) / RLSB )– 1
(13) IDEAL_RLSB = RTOT / 256
(14) OFFSETRM = RMEAS[code 0] / IDEAL_RLSB
(15) MATCHRM = (RMEAS_A[code x] – RMEAS_B[code x]) / IDEAL_RLSB
7.6 Operating Characteristics
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.75 V, VSS = –2.75,
IDD(STBY)
VDD standby current
0.2
1
µA
I2C interface in standby mode
VDD = 2.75 V, VSS = –2.75,
ISS(STBY)
VSS standby current
–1
–0.2
µA
I2C interface in standby mode
VDD = 2.75 V, VSS = –2.75,
IDD(SHUTDOWN)
VDD shutdown current
0.2
1
µA
I2C interface in standby mode
VDD = 2.75 V, VSS = –2.75,
ISS(SHUTDOWN)
VSS shutdown current
–1
–0.2
µA
I2C interface in standby mode
VDD current during non-volatile
VDD = 2.75 V, VSS = –2.75
IDD
200
µA
write
VSS current during non-volatile
VDD = 2.75 V, VSS = –2.75
ISS
-200
µA
write
Digital pins leakage current
ILKG(DIG)
–1
1
µA
(A0, A1, A2, SDA, and SCL)
Minimum VDD at which memory
VPOR
Power-on recall voltage
2
V
recall occurs
EEPROM Specification
EEPROM endurance
100,000
Cycles
EEPROM retention
TA = 85°C
100
Years
tWC
Non-volatile write cycle time
20
ms
Wiper Timing Characteristics
t(WRT)
Wiper response time
SCL falling edge of last bit of
wiper data byte to wiper new
600
ns
position
t(SR)
Wiper position recall time from
SCL falling edge of last bit of ACR
shut-down mode
data byte to wiper stored position
800
ns
and H connection
t(D)
Power-up delay
VDD above VPOR, to wiper initial
value register recall completed,
35
100
µs
and I2C interface in standby mode
C(PIN)
Pin capacitance
A0, A1, A2, SDA, SCL pins
7
pF
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPL0102


유사한 부품 번호 - TPL0102_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102 TI1-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

유사한 설명 - TPL0102_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102 TI1-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com