전자부품 데이터시트 검색엔진 |
|
TPL0401A-10 데이터시트(PDF) 9 Page - Texas Instruments |
|
TPL0401A-10 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 22 page Start Address (01_1110) 0 Ack Command (00000000) Ack Start Address (01_1110) 0 Ack Command (00000000) Ack reStart Address (01_1110) 1 Ack Data Byte I2C Write to A Register I2C Read From A Register Data Stop noAck Stop Ack From Processor to DPOT From to DPOT Processor SDA SCL Start Condition Stop Condition S P TPL0401A TPL0401B TPL0401C www.ti.com SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012 SLAVE ADDRESS TPL0401A, TPL0401C BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 (MSB) (LSB) 0 1 0 1 1 1 0 R/W TPL0401B BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 (MSB) (LSB) 0 1 1 1 1 1 0 R/W WRITE AND READ PROTOCOL Standard I 2C Interface Details The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be connected to a positive supply via a pullup resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. I2C communication with this device is initiated by the master sending a start condition, a high-to-low transition on the SDA input/output while the SCL input is high (see Figure 13). After the start condition, the device address byte is sent, MSB first, including the data direction bit (R/W). This device does not respond to the general call address. After receiving the valid address byte, this device responds with an ACK, a low on the SDA input/output during the high of the ACK-related clock pulse. Figure 12. Definition of Start and Stop Conditions Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TPL0401A TPL0401B TPL0401C |
유사한 부품 번호 - TPL0401A-10_15 |
|
유사한 설명 - TPL0401A-10_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |