전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3358-EP 데이터시트(PDF) 4 Page - Texas Instruments

부품명 AM3358-EP
상세설명  AM3358-EP Sitara??Processors
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM3358-EP 데이터시트(HTML) 4 Page - Texas Instruments

  AM3358-EP_15 Datasheet HTML 1Page - Texas Instruments AM3358-EP_15 Datasheet HTML 2Page - Texas Instruments AM3358-EP_15 Datasheet HTML 3Page - Texas Instruments AM3358-EP_15 Datasheet HTML 4Page - Texas Instruments AM3358-EP_15 Datasheet HTML 5Page - Texas Instruments AM3358-EP_15 Datasheet HTML 6Page - Texas Instruments AM3358-EP_15 Datasheet HTML 7Page - Texas Instruments AM3358-EP_15 Datasheet HTML 8Page - Texas Instruments AM3358-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 231 page
background image
AM3358-EP
SLUSC35A – APRIL 2015 – REVISED APRIL 2015
www.ti.com
1.3
Description
The microprocessors, based on the ARM Cortex-A8 processor, are enhanced with image, graphics
processing, peripherals and industrial interface options such as PROFIBUS. The devices support high-
level operating systems (HLOS). Linux® and Android™ are available free of charge from TI.
The AM3358-EP microprocessor contains the subsystems shown in Figure 1-1 and a brief description of
each follows:
The microprocessor unit (MPU) subsystem is based on the ARM Cortex-A8 processor and the PowerVR
SGX™ Graphics Accelerator subsystem provides 3D graphics acceleration to support display and gaming
effects.
The Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem (PRU-ICSS) is
separate from the ARM core, allowing independent operation and clocking for greater efficiency and
flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as
PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others. Additionally, the
programmable nature of the PRU-ICSS, along with its access to pins, events and all system-on-chip (SoC)
resources, provides flexibility in implementing fast, real-time responses, specialized data handling
operations, custom peripheral interfaces, and in offloading tasks from the other processor cores of SoC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AM3358BGCZA80EP
GCZ (324)
15.00 mm × 15.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
4
Device Summary
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3358-EP


유사한 부품 번호 - AM3358-EP_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3358-EP TI1-AM3358-EP_V01 Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
More results

유사한 설명 - AM3358-EP_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3358-EP TI1-AM3358-EP_V01 Datasheet
2Mb / 239P
[Old version datasheet]   AM3358-EP Sitara??Processor
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com