전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28117FRTZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL28117FRTZ
상세설명  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FRTZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL28117FRTZ Datasheet HTML 1Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 2Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 3Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ISL28117, ISL28217, ISL28417
4
November 30, 2012
FN6632.10
Pin Descriptions
ISL28117
(8 LD SOIC,
MSOP, TDFN)
ISL28217
(8 LD SOIC,
MSOP, TDFN)
ISL28417
(14 LD SOIC, TSSOP)
PIN NAME
EQUIVALENT CIRCUIT
DESCRIPTION
3
-
-
+IN
Circuit 1
Amplifier non-inverting input
-3
3
+IN_A
-5
5
+IN_B
-
-
10
+IN_C
-
-
12
+IN_D
4
4
11
V-
Circuit 3
Negative power supply
2
-
-
-IN
Circuit 1
Amplifier inverting input
-2
2
-IN_A
-6
6
-IN_B
--
9
-IN_C
--
13
-IN_D
7
8
4
V+
Circuit 3
Positive power supply
6-
-
VOUT
Circuit 2
Amplifier output
-1
1
VOUT_A
-7
7
VOUT_B
--
8
VOUT_C
--
14
VOUT_D
1, 5, 8
-
-
NC
-
No internal connection
PD
PD
-
PD
-
Thermal Pad - TDFN package only.
Connect thermal pad to ground or most
negative potential.
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
CAPACITIVELY
COUPLED
ESD CLAMP
IN-
V+
V-
IN+
500Ω
500Ω
V+
V-
OUT


유사한 부품 번호 - ISL28117FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117FRTZ RENESAS-ISL28117FRTZ Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results

유사한 설명 - ISL28117FRTZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com