전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28633EV2Z 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL28633EV2Z
상세설명  5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28633EV2Z 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL28633EV2Z Datasheet HTML 1Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 2Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 3Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 4Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 5Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 6Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 7Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 8Page - Intersil Corporation ISL28633EV2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ISL28533, ISL28534, ISL28535, ISL28633, ISL28634, ISL28635
4
FN8364.1
November 22, 2013
Typical Sensor Application Block Diagram, ISL28533 Single-Ended
Output
FIGURE 3. SENSOR APPLICATION WITH COMMON MODE SENSING AND BUFFERED REFERENCE DRIVE
Typical Bridge Sensor Application Block Diagram, ISL28634
Differential Output
FIGURE 4. SIMPLIFIED STRAIN GAUGE SCHEMATIC
+
-
+
-
INA-
A2
A1
INA+
+
-
+
-
REF
OUTA
A3
A4
RG
RG
IN+
IN-
OUT
VA-
VA+
20kΩ
20kΩ
20kΩ
20kΩ
ISL28533
SENSOR
COMMON
MODE
SENSE
ISL26320
12-bit ADC
IN
ISL21090
5V VREF
ISL21090
2.5V VREF
VCC
+5V
V+
REF+
OUT-
+
-
VCM
10kΩ
10kΩ
OUT+
VCC
V-
ISL28134
+
-
ISL28634
ISL26104
24-BIT ADC
TO GUI
ISL21010
5V VREF
R5F10JBC (RL78/G1C)
Renesas
+5V
FOIL STRAIN
GAUGE
50Ω
50Ω
S
S
MICROCONTROLLER
+
-
+
-
VA+
VA-
ISL28233
ISL23328
Gain Control
Ch 1
Ch 2
Ch 4
Ch 3
DCP
*See ISLRE-BDGSTKEV1Z DAQ on a Stick User’s Guide” AN1853


유사한 부품 번호 - ISL28633EV2Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28633EV2Z INTERSIL-ISL28633EV2Z Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28633EV2Z RENESAS-ISL28633EV2Z Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results

유사한 설명 - ISL28633EV2Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28533 INTERSIL-ISL28533 Datasheet
1Mb / 30P
   5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com